Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6202P322FH Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6202P322FH
Description  High Voltage Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6202P322FH Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6202P322FH Datasheet HTML 1Page - Torex Semiconductor XC6202P322FH Datasheet HTML 2Page - Torex Semiconductor XC6202P322FH Datasheet HTML 3Page - Torex Semiconductor XC6202P322FH Datasheet HTML 4Page - Torex Semiconductor XC6202P322FH Datasheet HTML 5Page - Torex Semiconductor XC6202P322FH Datasheet HTML 6Page - Torex Semiconductor XC6202P322FH Datasheet HTML 7Page - Torex Semiconductor XC6202P322FH Datasheet HTML 8Page - Torex Semiconductor XC6202P322FH Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2/32
XC6202 Series
PIN NUMBER
SOT-23
SOT-89/TO-92/
SOT-223
USP-6B
PIN NAME
FUNCTION
1
1
3
VOUT
Output
3
2
5
VSS
Ground
2
3
1
VIN
Power Input
2, 4, 6
NC
No connection
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
: For the voltage above 10V, see the example
10=A, 11=B 12=C, 13=D, 14=E, 15=F, 16=G, 17=H, 18=J
e.g. VOUT= 3.0V
→ ①:3, ②:0
VOUT= 12V
→ ①:C, ②:0
①②
Output Voltage
18
∼ J0
VOUT= 15V
→ ①:F, ②:0
Accuracy
2
:
±2%
M
: SOT-23
P
: SOT-89
T
: TO-92
F
: SOT-223
Packages
D
: USP-6B
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Paper Tape (TO-92)
Device Orientation
B
: Bag (TO-92)
■PIN CONFIGURATION
■PIN ASSIGNMENT
*The dissipation pad for the USP-6B package
should
be
solder-plated
in
recommended
mount pattern and metal masking so as to
enhance mounting strength and heat release.
If the pad needs to be connected to other pins,
it should be connected to the VSS (No.5) pin.
NC
VSS
NC
VIN
NC
VOUT
USP-6B
(BOTTOM VIEW)
XC6202P
①②③④⑤
■PRODUCT CLASSIFICATION
●Ordering Information


Similar Part No. - XC6202P322FH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202P3 TOREX-XC6202P3 Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
logo
TECH PUBLIC Electronics...
XC6202P302MR TECHPUBLIC-XC6202P302MR Datasheet
1Mb / 5P
   15V,150mA,Low-Dropout Regulator
XC6202P302MR TECHPUBLIC-XC6202P302MR Datasheet
1Mb / 5P
   15V,150mA,Low-Dropout Regulator
XC6202P302MR TECHPUBLIC-XC6202P302MR Datasheet
1Mb / 5P
   15V,150mA,Low-Dropout Regulator
logo
Torex Semiconductor
XC6202P332 TOREX-XC6202P332 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
More results

Similar Description - XC6202P322FH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC6202 TOREX-XC6202_1 Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com