Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5973D Datasheet(PDF) 9 Page - STMicroelectronics

Part # A5973D
Description  Up to 2 A step down switching regulator for automotive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5973D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A5973D Datasheet HTML 4Page - STMicroelectronics A5973D Datasheet HTML 5Page - STMicroelectronics A5973D Datasheet HTML 6Page - STMicroelectronics A5973D Datasheet HTML 7Page - STMicroelectronics A5973D Datasheet HTML 8Page - STMicroelectronics A5973D Datasheet HTML 9Page - STMicroelectronics A5973D Datasheet HTML 10Page - STMicroelectronics A5973D Datasheet HTML 11Page - STMicroelectronics A5973D Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Package mechanical data
A5973D
9/11
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - A5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D Datasheet
826Kb / 13P
   2.5A switch step down switching regulator for automotive applications
A5973D STMICROELECTRONICS-A5973D Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5973D013TR STMICROELECTRONICS-A5973D013TR Datasheet
826Kb / 13P
   2.5A switch step down switching regulator for automotive applications
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
More results

Similar Description - A5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
   Up to 2 A step down switching regulator for automotive applications
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
   Up to 1 A step down switching regulator for automotive applications
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
   Up to 1 A step down switching regulator for automotive applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
B5973D STMICROELECTRONICS-B5973D Datasheet
781Kb / 12P
   2 A step down switching regulator for automotive applications
A7985ATR STMICROELECTRONICS-A7985ATR Datasheet
1Mb / 44P
   2 A step-down switching regulator for automotive applications
B5973D_0808 STMICROELECTRONICS-B5973D_0808 Datasheet
768Kb / 12P
   2 A step down switching regulator for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com