Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13191FCR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC13191FCR2
Description  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13191FCR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC13191FCR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13191FCR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13191FCR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13191FCR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13191FCR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13191FCR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13191FCR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13191FCR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13191FCR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MC13191 Technical Data, Rev. 1.6
Freescale Semiconductor
3
— RoHS compliant
— Meets Moisture Sensitivity Level 3 (MSL3)
— 260 °C peak reflow temperature
— Meets lead-free requirements
2.1
Software Support
Freescale provides a software suite to complement the MC13191 hardware which is called the Freescale
Simple Media Access Controller (SMAC):
Simple proprietary wireless connectivity
Small memory footprint (about 3 Kbytes typical)
Supports point-to-point and star network configurations
Proprietary networks
Source code and application examples provided
3
Block Diagrams
Figure 1 shows a simplified block diagram of the MC13191 transceiver that meets the requirements of the
802.15.4 PHY.
Figure 1. MC13191 Simplified Block Diagram
Phas e Shift M odulator
RST
GPIO1
GPIO2
GPIO3
GPIO4
XT AL2
XT AL1
RF IN -
RFIN +
PAO +
PAO-
MO SI
MISO
SPIC LK
RXT XEN
CE
AT T N
GPIO5
GPIO6
GPIO7
Rec eiv e
Packet R AM
T rans m it
Packet R AM 1
T rans m it R AM
Arbiter
Rec eiv e R AM
Arbiter
PA
VCO
Cry s tal
O s c illator
Sy m bol
Generation
FC S
G eneration
Header
Generation
Sequenc e
M anager
(C ontrol Logic )
V DDLO 2
÷ 4
256 M Hz
2.45 G Hz
LN A
1s t IF M ix er
IF = 65 M Hz
2nd IF M ix er
IF = 1 M Hz
PM A
Dec im ation
Filter
Matc hed
Filter
Bas eband
Mix er
DC D
CC A
Packet
Proc es s or
IR Q
Arbiter
24 Bit Ev ent T im er
IR Q
16 M Hz
AG C
Analog
R egulator
VBAT T
Digital
R egulator L
Digital
R egulator H
Pow er-U p
Control
Logic
Cry s tal
R egulator
VC O
R egulator
VDDIN T
Program m able
Prescaler
CLKO
2 Program m able
T im er C om parators
Sy nthesizer
VDDD
VDDVC O
VDDA
VDDLO 1


Similar Part No. - MC13191FCR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Similar Description - MC13191FCR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com