Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13201 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC13201
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13201 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC13201_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13201_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13201_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13201_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13201_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13201_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13201_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13201_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13201_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Freescale Semiconductor, Inc., 2005, 2006, 2007, 2008. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC13201
Rev. 1.3, 04/2008
MC13201
Package Information
Plastic Package
Case 1311-03
QFN -32
Ordering Information
Device
Device Marking
Package
MC13201FC
13201
QFN-32
MC13201FCR2
(Tape and Reel)
13201
QFN-32
1
Introduction
The MC13201 is a short range, low power, 2.4 GHz
Industrial, Scientific, and Medical (ISM) band
transceivers. The MC13201 contains a complete packet
data modem which is compliant with the IEEE®
802.15.4 Standard PHY (Physical) layer. This allows the
development of proprietary point-to-point and star
networks based on the 802.15.4 packet structure and
modulation format. For full 802.15.4 Standard
compliance, the MC13202 and Freescale's 802.15.4
MAC software are required.
When combined with an appropriate microcontroller
(MCU), the MC13201 provides a cost-effective solution
for short-range data links and networks. Interface with
the MCU is accomplished using a four wire serial
peripheral interface (SPI) connection and an interrupt
request output which allows for the use of a variety of
processors. The software and processor can be scaled to
fit applications ranging from simple point-to-point
systems to star networks.
MC13201
2.4 GHz Low Power Transceiver
for the IEEE® 802.15.4 Standard
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3 Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . 4
4 Data Transfer Mode . . . . . . . . . . . . . . . . . . . . 5
5 Electrical Characteristics . . . . . . . . . . . . . . . 7
6 Functional Description . . . . . . . . . . . . . . . . 10
7 Pin Connections . . . . . . . . . . . . . . . . . . . . . . 14
8 Crystal Oscillator Reference Frequency . . 18
9 Packaging Information . . . . . . . . . . . . . . . . . 27


Similar Part No. - MC13201_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results

Similar Description - MC13201_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com