Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13201FCR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC13201FCR2
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13201FCR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC13201FCR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13201FCR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13201FCR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13201FCR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13201FCR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13201FCR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13201FCR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13201FCR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13201FCR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MC13201 Technical Data, Rev. 1.3,
4
Freescale Semiconductor
3
Block Diagrams
Figure 1 shows a simplified block diagram of the MC13201 which is an 802.15.4 Standard compatible
transceiver that provides the functions required in the physical layer (PHY) specification.
Figure 1. 802.15.4 modem Simplified Block Diagram
Figure 2 shows the basic system block diagram for the MC13201 in an application. Interface with the
transceiver is accomplished through a 4-wire SPI port and interrupt request line. The media access control
(MAC), drivers, and network and application software (as required) reside on the host processor. The host
can vary from a simple 8-bit device up to a sophisticated 32-bit processor depending on application
requirements.
Figure 2. System Level Block Diagram
Phas e Shift M odulator
RST
GPIO 1
GPIO 2
GPIO 3
GPIO 4
XT A L2
XT A L1
RF IN _M
(PAO_M )
PAO _P
PAO _M
MOSI
MISO
SPIC LK
R XT XEN
CE
ATTN
GPIO 5
GPIO 6
GPIO 7
Rec eiv e
Pac k et R AM
T rans m it
Pac k et R AM 1
T rans m it R AM
Arbiter
Rec eiv e R AM
Arbiter
PA
VCO
Crys ta l
O s c illa to r
S y m bol
Generation
FC S
Generation
Header
G eneration
Sequenc e
M anager
(C ontrol Logic )
VDDL O 2
÷ 4
256 M Hz
2.45 GHz
LN A
1s t IF M ix er
IF = 65 M Hz
2nd IF M ix er
IF = 1 M Hz PM A
Dec im ation
F ilter
Matc hed
Filter
Bas eband
Mix er
DC D
CC A
Pac k et
Proc es sor
IR Q
Arbiter
24 Bit Ev ent T im er
IR Q
16 M Hz
AG C
Analog
R egulator
VBAT T
Digital
R egulator L
Digital
R egulator H
Pow er-U p
C ontrol
Logic
Cry s tal
Regulator
VC O
Regulator
VDDIN T
P rogrammable
Pres c aler
CLKO
4 Program m able
T imer C omparators
S y nthesizer
VDDD
VDDVC O
VDDA
VDDLO 1
T rans m it
Pac k et R AM 2
T / R
RF IN _P
(PAO _P)
CT_ B ia s
Analog Receiver
MC13201
Frequency
Generation
Analog
Transmitter
Voltage
Regulators
Power Up
Management
Control
Logic
Buffer RAM
SPI
and GPIO
Microcontroller
SPI
ROM
(Flash)
RAM
CPU
A/D
Application
Network
MAC
PHY Driver


Similar Part No. - MC13201FCR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results

Similar Description - MC13201FCR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com