Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4964 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4964
Description  HIGH CURRENT SWITCHING REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4964 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4964 Datasheet HTML 5Page - STMicroelectronics L4964 Datasheet HTML 6Page - STMicroelectronics L4964 Datasheet HTML 7Page - STMicroelectronics L4964 Datasheet HTML 8Page - STMicroelectronics L4964 Datasheet HTML 9Page - STMicroelectronics L4964 Datasheet HTML 10Page - STMicroelectronics L4964 Datasheet HTML 11Page - STMicroelectronics L4964 Datasheet HTML 12Page - STMicroelectronics L4964 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Figure 7 : Switching Frequency vs. R1 (see fig. 4).
Figure 8 : Open Loop Frequency and Phase Res-
ponse of Error Amplifier (see fig. 6c).
Figure 9 : Reference Voltage (pin 10) vs. Junc-
tion Temperature (see fig. 4).
Figure 10 : Power Dissipation (L4964 only) vs.
Input Voltage.
Figure 11 : Efficiency vs. Output Voltage.
Figure 12 : Power Dissipation Derrating Curve.
L4964
9/13


Similar Part No. - L4964

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4964 STMICROELECTRONICS-L4964 Datasheet
208Kb / 13P
   HIGH CURRENT SWITCHING REGULATOR
L4964HT STMICROELECTRONICS-L4964HT Datasheet
208Kb / 13P
   HIGH CURRENT SWITCHING REGULATOR
More results

Similar Description - L4964

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4964 STMICROELECTRONICS-L4964 Datasheet
208Kb / 13P
   HIGH CURRENT SWITCHING REGULATOR
logo
Linear Technology
LT3724EFE LINER-LT3724EFE Datasheet
263Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller
LT3724 LINER-LT3724_15 Datasheet
319Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266_00 Datasheet
284Kb / 5P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR
logo
Linear Technology
LT3724 LINER-LT3724 Datasheet
293Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Linear Technology
LT1373 LINER-LT1373 Datasheet
181Kb / 12P
   250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
LT3724 LINER-LT3724_1 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LT1373 LINER-LT1373_15 Datasheet
200Kb / 12P
   250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
logo
Fairchild Semiconductor
KSA1244 FAIRCHILD-KSA1244 Datasheet
39Kb / 4P
   High Current Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com