Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S09 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S09
Description  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S09_08 Datasheet HTML 4Page - STMicroelectronics ST1S09_08 Datasheet HTML 5Page - STMicroelectronics ST1S09_08 Datasheet HTML 6Page - STMicroelectronics ST1S09_08 Datasheet HTML 7Page - STMicroelectronics ST1S09_08 Datasheet HTML 8Page - STMicroelectronics ST1S09_08 Datasheet HTML 9Page - STMicroelectronics ST1S09_08 Datasheet HTML 10Page - STMicroelectronics ST1S09_08 Datasheet HTML 11Page - STMicroelectronics ST1S09_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical performance characteristics
ST1S09
8/18
5
Typical performance characteristics
(L = 3.3 µH, CI = 4.7 µF, CO = 22 µF, unless otherwise specified)
Figure 3.
Voltage feedback vs temperature
Figure 4.
Feedback pin bias current vs temp.
Figure 5.
Quiescent current non switching vs
temperature
Figure 6.
Inhibit voltage vs temperature
Figure 7.
Inhibit voltage vs input voltage
Figure 8.
Output voltage vs input voltage
760
770
780
790
800
810
820
830
840
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
O@1.2V
V
I=5V, IO=10mA
760
770
780
790
800
810
820
830
840
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
O@1.2V
V
I=5V, IO=10mA
-60
40
140
240
340
440
540
640
740
840
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I=5V
-60
40
140
240
340
440
540
640
740
840
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I=5V
V
O@1.2V
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100
125 150
175
T [°C]
V
I=5V
V
O@1.2V
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100
125 150
175
T [°C]
V
I=5V
V
I=5V, IO=from 10mA to 2A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
I=5V, IO=from 10mA to 2A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
I=from 2.7 to 5.5V, IO=2A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
234
567
V
I [V]
ON
OFF
V
I=from 2.7 to 5.5V, IO=2A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
234
567
V
I [V]
ON
OFF
V
CC =VINH=from 0 to 5.5V, IO=2A
V
O@1.2V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
1
2
3456
V
I [V]
V
CC =VINH=from 0 to 5.5V, IO=2A
V
O@1.2V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
1
2
3456
V
I [V]


Similar Part No. - ST1S09_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09APU STMICROELECTRONICS-ST1S09APU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09APUR STMICROELECTRONICS-ST1S09APUR Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09IPU STMICROELECTRONICS-ST1S09IPU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09IPUR STMICROELECTRONICS-ST1S09IPUR Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09PU STMICROELECTRONICS-ST1S09PU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
More results

Similar Description - ST1S09_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
   1.5 A step-down switching regulator
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com