Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33879EK Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCZ33879EK
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33879EK Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33879EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33879EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33879EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33879EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33879EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33879EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33879EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33879EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33879EK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33879
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT
Drain-to-Source ON Resistance (IOUT = 0.350A, VPWR = 13V)
TJ = 125°C
TJ = 25°C
TJ = -40°C
RDS (ON)
0.75
1.4
Ω
Output Self Limiting Current High Side and Low Side Configurations
IOUT(LIM)
0.6
1.2
A
Output Fault Detection Voltage Threshold(7)
Outputs Programmed OFF
VOUT(FLT-TH)
2.5
4.0
4.5
V
Output Fault Detection Current @ Threshold, High Side Configuration
Outputs Programmed OFF
IOUT(FLT-TH)
35
55
90
μA
Output Fault Detection Current @ Threshold, Low Side Configuration
Outputs Programmed OFF
IOUT(FLT-TH)
20
30
60
μA
Output OFF Open Load Detection Current, High Side Configuration
VDRAIN = 16V, VSOURCE = 0V, Outputs Programmed OFF,
VPWR=16V
IOCO
65
100
160
μA
Output OFF Open Load Detection Current, Low Side Configuration
VDRAIN = 16V, VSOURCE = 0V, Outputs Programmed OFF,
VPWR=16V
IOCO
40
75
135
μA
Output Clamp Voltage Low Side Drive
ID = 10mA
VOC(LSD)
40
45
55
V
Output Clamp Voltage High Side Drive
IS = -10mA
VOC(HSD)
-15
-20
-25
V
Output Leakage Current High Side and Low Side Configurations
VDD = 0V, VDRAIN = 16V, VSOURCE = 0V
IOUT(LKG)
5.0
μA
Output Leakage Current Low Side Configuration
VDD = 5.0V, VDRAIN = 16V, VSOURCE = 0V,
Open Load Detection Current Disabled
IOUT(LKG)
5.0
μA
Output Leakage Current High Side Configuration
VDD = 5.0V, VDRAIN = 16V, VSOURCE = 0V,
Open Load Detection Current Disabled
IOUT(LKG)
20
μA
Over-temperature Shutdown(8)
TLIM
155
185
°C
Over-temperature Shutdown Hysteresis(8)
TLIM(HYS)
5.0
10
15
°C
Notes
7.
Output fault detection thresholds with outputs programmed OFF. Output fault detect thresholds are the same for output open and shorts.
8.
This parameter is guaranteed by design; however, it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.1V
≤ V
DD ≤ 5.5V, 5.5V ≤ VPWR ≤ 18V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33879EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33879EK FREESCALE-MCZ33879EK Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
MCZ33879EK/R2 FREESCALE-MCZ33879EK/R2 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
MCZ33879EKR2 FREESCALE-MCZ33879EKR2 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
More results

Similar Description - MCZ33879EK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com