Electronic Components Datasheet Search |
|
XC6202PD72FH Datasheet(PDF) 4 Page - Torex Semiconductor |
|
XC6202PD72FH Datasheet(HTML) 4 Page - Torex Semiconductor |
4 / 32 page 4/32 XC6202 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage VOUT(E) (*2) VIN=2.8V IOUT=30mA 1.764 1.800 1.836 V ② Maximum Output Current IOUTmax VIN=2.8V VOUT ≧VOUT(E)×0.9 60 - - mA ② Load Regulation △VOUT VIN=2.8V 1mA ≦IOUT≦60mA - 10 80 mV ② Vdif1 IOUT=30mA - 340 470 Dropout Voltage (*3) Vdif2 IOUT=100mA - 1000 1500 mV ② Supply Current ISS VIN=2.8V - 10 24 μA ① Line Regulation △VOUT △VIN・△VOUT IOUT=1mA 2.8V ≦VIN≦20V - 0.01 0.20 %/V ② Input Voltage VIN - - 20 V - Output Voltage Temperature Characteristics △VOUT △Topr・△VOUT IOUT=30mA -40 ℃≦Topr≦85℃ - ±100 - ppm/ ℃ ② Short-circuit Current Ishort VIN=3.8V - 40 - mA ② PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage VOUT(E) (*2) VIN=4.3V IOUT=30mA 3.234 3.300 3.366 V ② Maximum Output Current IOUTmax VIN=4.3V VOUT ≧VOUT(E)×0.9 150 - - mA ② Load Regulation △VOUT VIN=4.3V 1mA ≦IOUT≦100mA - 25 90 mV ② Vdif1 IOUT=30mA - 200 280 Dropout Voltage (*3) Vdif2 IOUT=100mA - 670 900 mV ② Supply Current ISS VIN=4.3V - 10 24 μA ① Line Regulation △VOUT △VIN・△VOUT IOUT=1mA 4.3V ≦VIN≦20V - 0.01 0.20 %/V ② Input Voltage VIN - - 20 V - Output Voltage Temperature Characteristics △VOUT △Topr・△VOUT IOUT=30mA -40 ℃≦Topr≦85℃ - ±100 - ppm/ ℃ ② Short-circuit Current Ishort VIN=5.3V - 40 - mA ② ■ELECTRICAL CHARACTERISTICS XC6202P182 VOUT(T)=1.8V (*1) Topr=25 ℃ XC6202P332 VOUT(T)=3.3V (*1) Topr=25 ℃ |
Similar Part No. - XC6202PD72FH |
|
Similar Description - XC6202PD72FH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |