Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

V827332U04S Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part No. V827332U04S
Description  2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827332U04S Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V827332U04S Datasheet HTML 1Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 2Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 3Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 4Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 5Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 6Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 7Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 8Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MOSEL VITELIC
1
V827332U04S
2.5 VOLT 32M x 72 HIGH PERFORMANCE
REGISTERED ECC DDR SDRAM MODULE
PRELIMINARY
V827332U04S Rev. 1.2 March 2002
Features
■ 184 Pin Registered 33,554,432 x 72 bit
Organization DDR SDRAM Modules
■ Utilizes High Performance 16M x 8 DDR
SDRAM in TSOPII-66 Packages
■ Single +2.5V (± 0.2V) Power Supply
■ Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
■ Auto Refresh (CBR) and Self Refresh
■ All Inputs, Outputs are SSTL-2 Compatible
■ 4096 Refresh Cycles every 64 ms
■ Serial Presence Detect (SPD)
■ DDR SDRAM Performance
Description
The V827332U04S memory module is organized
33,554,432 x 72 bits in a 184 pin memory module.
The 32M x 72 memory module uses 18 Mosel-
Vitelic 16M x 8 DDR SDRAM. The x72 modules are
ideal for use in high performance computer systems
where increased memory density and fast access
times are required.
Component Used
-7
-75
-8
Units
tCK
Clock Frequency
(max.)
143
(PC266A)
133
(PC266B)
125
(PC200)
MHz
tAC
Clock Access Time
CAS Latency = 2.5
77.5
8
ns
Module Speed
A1
PC1600 (100MHz @ CL2)
B0
PC2100B (133MHz @ CL2.5)
B1
PC2100A (133MHz @ CL2)
Reg
Reg
PLL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn