Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20H100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20H100
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20H100 Datasheet HTML 1Page - STMicroelectronics STPS20H100 Datasheet HTML 2Page - STMicroelectronics STPS20H100 Datasheet HTML 3Page - STMicroelectronics STPS20H100 Datasheet HTML 4Page - STMicroelectronics STPS20H100 Datasheet HTML 5Page - STMicroelectronics STPS20H100 Datasheet HTML 6Page - STMicroelectronics STPS20H100 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS20H100CT/CF/CG/CG-1
3/7
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
180
200
t(s)
IM(A)
Tc=50
°C
Tc=75
°C
Tc=125
°C
IM
t
δ=0.5
Fig. 3: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode) (TO-220AB, D
2PAK, I2PAK)
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 5: Relative variation of thermal impedance
junction to case versus pulse duration (per diode)
(TO-220AB, D
2PAK, I2PAK).
0
102030405060708090
100
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
IR(
µA)
VR(V)
Tj=125
°C
Tj=100
°C
Tj=25
°C
Tj=150
°C
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
1
2
5
10
20
50
100
100
200
500
1000
VR(V)
C(pF)
F=1MHz
Tj=25
°C
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values, per diode).
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
IM(A)
IM
t
δ=0.5
t(s)
Tj=125
°C
Tj=75
°C
Tj=50
°C
Fig. 4: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode) (ISOWATT220AB).
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Zth(j-c)/Rth(j-c)
tp(s)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration (per diode)
(ISOWATT220AB).


Similar Part No. - STPS20H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100C STMICROELECTRONICS-STPS20H100C Datasheet
165Kb / 11P
   High voltage power Schottky rectifier
STPS20H100C-Y STMICROELECTRONICS-STPS20H100C-Y Datasheet
210Kb / 8P
   Automotive power Schottky rectifier
STPS20H100CF STMICROELECTRONICS-STPS20H100CF Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
165Kb / 11P
   High voltage power Schottky rectifier
More results

Similar Description - STPS20H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com