Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33982BPNA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC33982BPNA
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33982BPNA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33982BPNA Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33982BPNA Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33982BPNA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33982BPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33982BPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33982BPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33982BPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33982BPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33982BPNA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33982
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance(5)
Junction-to-Case
Junction-to-Ambient
RθJC
RθJA
<1.0
30
°C/W
Peak Package Reflow Temperature During Reflow(6), (7)
TPPRT
Note 7
°C
Notes
5.
Device mounted on a 2s2p test board per JEDEC JESD51-2.
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit


Similar Part No. - MC33982BPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33982BPNA FREESCALE-MC33982BPNA Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
MC33982BPNA/R2 FREESCALE-MC33982BPNA/R2 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
MC33982BPNAR2 FREESCALE-MC33982BPNAR2 Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results

Similar Description - MC33982BPNA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
   Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com