Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33982BPNAR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC33982BPNAR2
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33982BPNAR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33982BPNAR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33982
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33982B Pin Connections
Table 1. Pin Definitions
Functional descriptions of many of these pins can be found in the Functional Pin Description section beginning on page 15.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition
1
CSNS
Output
Output Current
Monitoring
This pin is used to output a current proportional to the high side output
current and used externally to generate a ground-referenced voltage for
the microcontroller to monitor output current.
2
WAKE
Input
Wake
This pin is used to input a Logic [1] signal in order to enable the watchdog
timer function.
3RST
Input
Reset (Active Low)
This input pin is used to initialize the device configuration and fault
registers, as well as place the device in a low current sleep mode.
4
IN
Input
Direct Input
The Input pin is used to directly control the output.
5FS
Output
Fault Status
(Active Low)
This is an open drain configured output requiring an external pull-up
resistor to VDD for fault reporting.
6
FSI
Input
Fail-Safe Input
The value of the resistance connected between this pin and ground
determines the state of the output after a watchdog timeout occurs.
7CS
Input
Chip Select
(Active Low)
This input pin is connected to a chip select output of a master
microcontroller (MCU).
8
SCLK
Input
Serial Clock
This input pin is connected to the MCU providing the required bit shift
clock for SPI communication.
9
SI
Input
Serial Input
This is a command data input pin connected to the SPI Serial Data
Output of the MCU or to the SO pin of the previous device in a daisy chain
of devices.
10
VDD
Input
Digital Drain Voltage
(Power)
This is an external voltage input pin used to supply power to the SPI
circuit.
HS
HS
16
15
VPWR
14
GND
13
1
11 10 9
8 7 6 5
4
3 2
12
TRANSPARENT
TOP VIEW


Similar Part No. - MC33982BPNAR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33982BPNAR2 FREESCALE-MC33982BPNAR2 Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results

Similar Description - MC33982BPNAR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
   Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com