Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33982BPNAR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC33982BPNAR2
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33982BPNAR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33982BPNAR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33982BPNAR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33982
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Operating Voltage Range
Steady-state
VPWR
-16 to 41
V
VDD Supply Voltage
VDD
-0.3 to 5.5
V
Input/Output Voltage(1)
VIN, RST, FSI,
CSNS, SI, SCLK,
CS, FS
-0.3 to 7.0
V
SO Output Voltage(1)
VSO
-0.3 to VDD+0.3
V
WAKE Input Clamp Current
ICL(WAKE)
2.5
mA
CSNS Input Clamp Current
ICL(CSNS)
10
mA
Output Current (2)
IHS
60
A
Output Voltage
Positive
Negative
VHS
41
-15
V
Output Clamp Energy(3)
ECL
1.5
J
ESD Voltage(4)
Human Body Model (HBM)
Charge Device Model (CDM)
Corner Pins (1, 12, 15, 16)
All Other Pins (2, 11, 13, 14)
VESD1
VESD3
±2000
±750
±500
V
Notes
1.
Exceeding this voltage limit may cause permanent damage to the device.
2.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using package thermal resistance is required.
3.
Active clamp energy using single-pulse method (L = 16mH, RL = 0, VPWR = 12V, TJ = 150°C).
4.
ESD1 testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100pF, RZAP = 1500Ω); ESD3 testing is performed
in accordance with the Charge Device Model (CDM), Robotic (Czap = 4.0pF).


Similar Part No. - MC33982BPNAR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33982BPNAR2 FREESCALE-MC33982BPNAR2 Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results

Similar Description - MC33982BPNAR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
   Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com