Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33975AEKR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCZ33975AEKR2
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33975AEKR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33975AEKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33975
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions of 3.0V
≤ VDD ≤ 5.5V, 8.0V ≤ VPWR ≤ 28V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage
Supply Voltage Range Quasi-Functional(7)
Fully Operational
Supply Voltage Range Quasi-Functional(8)
VPWR(QF)
VPWR(FO)
VPWR(QF)
5.5
8.0
28
8.0
28
38/40
V
Supply Voltage
VPWR Supply Voltage Power On Reset
VPWR(POR)
4.2
4.6
5.0
V
Supply Current
All Switches Open, Normal Mode, Tri-State Disabled
IPWR(ON)
4.0
8.0
mA
Sleep State Supply Current
Scan Timer = 64ms, Switches Open
IPWR(SS)
40
70
100
μA
Logic Supply Voltage
VDD
3.0
5.5
V
Logic Supply Current
All Switches Open, Normal Mode
IDD
0.25
0.5
mA
Sleep State Logic Supply Current
Scan Timer = 64ms, Switches Open
IDD(SS)
10
20
μA
SWITCH INPUT
Pulse Wetting Current Switch-to-Battery (Current Sink)
5.5V
≤ VPWR ≤ 28V
IPULSE
12
15
18
mA
Pulse Wetting Current Switch-to-Ground (Current Source)
5.5V
≤ VPWR ≤ 8.0V
8.0V
≤ VPWR ≤ 28V
IPULSE
7.0
24
9.0
32
36
mA
Sustain Current Switch-to-Battery Input (Current Sink)
5.5V
≤ VPWR ≤ 28V
ISUSTAIN
1.8
2.1
2.4
mA
Sustain Current Switch-to-Ground Input (Current Source)
5.5V
≤ VPWR ≤ 8.0V
8.0V
≤ VPWR ≤ 28V
ISUSTAIN
0.5
3.6
1.0
4.0
4.4
mA
Sustain Current Matching Between Channels on Switch-to-Ground Inputs
IMATCH
2.0
5.0
%
Notes
7.
Device operational. Wetting and sustain currents are reduced. Operating the analog multiplexer below 8.0V is not recommended.
8.
Thermal considerations must be taken when operating the device above 28V.
ISUS(MAX) - ISUS(MIN)
ISUS(MIN)
X 100


Similar Part No. - MCZ33975AEKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33970EG FREESCALE-MCZ33970EG Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MCZ33970EG NXP-MCZ33970EG Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
Freescale Semiconductor...
MCZ33970EGR2 FREESCALE-MCZ33970EGR2 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MCZ33970EGR2 NXP-MCZ33970EGR2 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
Freescale Semiconductor...
MCZ33972AEK FREESCALE-MCZ33972AEK Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Similar Description - MCZ33975AEKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
   33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com