Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13224VR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC13224VR2
Description  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13224VR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC13224VR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
MC13224V Product Preview, Rev. 1.7
8
Freescale Semiconductor
2.5
High Performance, Low Power 32-Bit ARM7 Processor
The ARM7TDMI-S processor is a member of the 32-bit ARM family of general-purpose 32-bit
microprocessors that offers high performance with very low-power consumption
A three stage instruction pipeline (fetch, decode, execute) increases the speed of the flow of
instructions to the processor
Data access can be 8-bit bytes, 16-bit half words, or 32-bit words. Words must be aligned to 4-byte
boundaries. Half words must be aligned to 2-byte boundaries
The ARM7TDMI-S processor supports two instruction sets, i.e., the 32-bit ARM instruction set
and the 16-bit Thumb instruction set. The Thumb mode incorporates 16-bit instructions for higher
code density while retaining all the benefits of a 32-bit architecture, i.e., full 32-bit registers, 32-bit
operations, and 32-bit memory transfer. The use of the instruction sets can be intermixed for
maximizing performance while retaining higher code density
Figure 3. ARM7TDMI-S 32-Bit CPU Core
Register Bank
31 x 32-Bit Registers
(6 Status Registers)
Address Register
Address
Incrementer
ADDR[31:0]
32 x 8
Multiplier
Scan
Debug
Control
Barrel
Shifter
32-Bit Alu
Write Data Register
Instruction Pipeline
Read Data Register
Thumb Instruction Decoder
WDATA[31:0]
RDATA[31:0]
Instruction
Decoder
and
Control
Logic


Similar Part No. - MC13224VR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC13224VR2 NXP-MC13224VR2 Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
More results

Similar Description - MC13224VR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com