Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33972TEWR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCZ33972TEWR2
Description  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33972TEWR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33972TEWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33972TEWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33972TEWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33972TEWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33972TEWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33972TEWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33972TEWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33972TEWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33972TEWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33972
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 3.1V
≤ V
DD ≤ 5.25V, 8.0V ≤ V
PWR ≤ 16V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted.(7) Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage
Supply Voltage Range Quasi-Functional(8)
Fully Operational
Supply Voltage Range Quasi-Functional(8)
VPWR(QF)
VPWR(FO)
VPWR(QF)
5.5
8.0
26
8.0
26
38/40
V
Supply Current
All Switches Open, Normal Mode, Tri-State Disabled
IPWR(ON)
2.0
4.0
mA
Sleep State Supply Current
Scan Timer = 64ms, Switches Open
IPWR(SS)
40
70
100
μA
Logic Supply Voltage
VDD
3.1
5.25
V
Logic Supply Current
All Switches Open, Normal Mode
IDD
0.25
0.5
mA
Sleep State Logic Supply Current
Scan Timer = 64ms, Switches Open
IDD(SS)
10
20
μA
SWITCH INPUT
Pulse Wetting Current Switch-to-Battery (Current Sink)
IPULSE
12
15
18
mA
Pulse Wetting Current Switch-to-Ground (Current Source)
IPULSE
12
16
18
mA
Sustain Current Switch-to-Battery Input (Current Sink)
ISUSTAIN
1.8
2.0
2.2
mA
Sustain Current Switch-to-Ground Input (Current Source)
ISUSTAIN
1.8
2.0
2.2
mA
Sustain Current Matching Between Channels on Switch-to-Ground I/Os
IMATCH
2.0
4.0
%
Input Offset Current When Selected as Analog
IOFFSET
-2.0
1.4
2.0
μA
Input Offset Voltage When Selected as Analog
V(SP&SGINPUTS) to AMUX Output
VOFFSET
-10
2.5
10
mV
Analog Operational Amplifier Output Voltage
Sink 250
μA
VOL
10
30
mV
Analog Operational Amplifier Output Voltage
Source 250
μA
VOH
VDD -0.1
V
Switch Detection Threshold
VTH
3.70
4.0
4.3
V
Switch Input Voltage Range
33972
33972A
VIN
-14
-14
38
40
V
Temperature Monitor(9), (10)
TLIM
155
185
°C
Temperature Monitor Hysteresis(10)
TLIM(HYS)
5.0
10
15
°C
Notes
7.
TC is the Tcase of the package
8.
Device operational. Table parameters may be out of specification.
9.
Thermal shutdown of 16mA pull-up and pulldown current sources only. 2.0mA current source/sink and all other functions remain active.
10.
This parameter is guaranteed by design but is not production tested.
ISUS(MAX) - ISUS(MIN)
ISUS(MIN)
X 100


Similar Part No. - MCZ33972TEWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33972TEW/R2 FREESCALE-MCZ33972TEW/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
More results

Similar Description - MCZ33972TEWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com