Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34702 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC34702
Description  3.0A Switch-Mode Power Supply with Linear Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34702 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34702 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34702 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34702 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34702 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34702 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34702 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34702 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34702 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34702 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34702
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONTROL AND SUPERVISORY CIRCUITS
Enable (EN1, EN2) Input Voltage Threshold
VTH_EN
1.0
1.5
2.0
V
Enable (EN1, EN2) Pull-down Resistance
RPU
30
55
90
k
RST
Low-level Output Voltage, IOL = 5.0mA
VOL
––
0.4
V
RST
Leakage Current, OFF State, Pulled Up to 5.25V
ILKG-RST
––
10
µA
RST
Under-voltage Threshold on VOUT (
∆VOUT/VOUT)(17)
VOUTITH
-14
-0.5
%
RST
Over-voltage Threshold on VOUT (
∆VOUT/VOUT)(17)
VOUTITH
0.5
14
%
RST
Under-voltage Threshold on VLDO (
∆VLDO/VLDO)(17)
VLDOITH
-12
-4.0
%
RST
Over-voltage Threshold on VLDO (
∆VLDO/VLDO)(17)
VLDOITH
4.0
12
%
RST
Timer Voltage Threshold
VTH-RT
1.0
1.2
1.5
V
RST
Timer Source Current (RT pin at 0.0V)
IS-RT
-17–-34
mA
RST
Timer Leakage Current
ILKG-RT
-1.0
1.0
µA
RST
Timer Saturation Voltage, Reset Timer Current = 300
µAV
SAT-RT
35
100
mV
Maximum Recommended Value of the Reset Timer Capacitor
Ct
––
47
µF
CLKSEL Threshold Voltage
VTHCLKS
1.2
1.6
2.0
V
CLKSEL Pull-up Resistance
RPU-CLKS
60
120
240
k
ADDR Threshold Voltage(17)
VTHADDR
1.2
1.6
2.0
V
ADDR Pull-up Resistance
RPU-ADDR
60
120
240
k
Thermal Shutdown (IC sensor)(17)
TLIM
150
170
190
°C
Thermal Shutdown Hysteresis(17)
TLIMHYS
–10
°C
SDA, SCL PINS I2C BUS (STANDARD)
Input Threshold Voltage (Pin SCL), Rising Edge(17)
VLTH
1.3
1.7
V
Input Threshold Voltage (Pin SDA)
VLTH
1.3
1.7
V
SDA, SCL Input Current, Input Voltage = 5.25V (VIN1)
II
1.0
10
µA
SDA Low-level Output Voltage, 3.0mA Sink Current
VOL
––
0.4
V
SDA, SCL Capacitance(17)
CINPUT
–7.0
10
pF
Notes
17.
Design information only. This parameter is not production tested.
Table 3.
Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C TA 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3V using
the typical application circuit (see Figure 33), unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC34702

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34702EK FREESCALE-MC34702EK Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
MC34702EKR2 FREESCALE-MC34702EKR2 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
More results

Similar Description - MC34702

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com