Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33996EKR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCZ33996EKR2
Description  16 Output Switch with SPI Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33996EKR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33996EKR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33996EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33996
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33996 Pin Locations
Table 1. Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Pin
Pin Name
Formal Name
Definition
1, 2, 4, 5, 12, 13,
15–18, 20, 21,
28, 29, 31, 32
OUT0–OUT15
Output 0–Output 15
Open drain output pin.
3
SOPWR
SOPWR Supply
Power supply pin to the SO output driver.
6
VPWR
Battery Input
Battery supply input pin.
7–10, 23–26
GND
Ground
Ground for logic, analog, and power output devices.
11
SCLK
System Clock
System Clock for internal shift registers of the 33996.
14
CS
Chip Select
SPI control chip select input pin from the MCU to the 33996.
19
SI
Serial Input
Serial data input pin to the 33996.
22
SO
Serial Output
Serial data output pin.
27
RST
Reset
Active low reset input pin.
30
PWM
PWM Control
PWM control input pin. Supports PWM on any combination of outputs.
33
EP
Exposed Pad
Device will perform as specified with the Exposed Pad un-terminated
(floating) however, it is recommended that the Exposed Pad be
terminated to system ground.
OUT15
1
OUT12
RST
GND
GND
GND
GND
SO
OUT11
OUT10
OUT9
OUT8
SI
OUT13
OUT14
PWM
OUT0
OUT3
VPWR
GND
GND
GND
GND
SCLK
OUT4
OUT5
OUT6
OUT7
CS
OUT2
OUT1
SOPWR
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31


Similar Part No. - MCZ33996EKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33996EKR2 FREESCALE-MCZ33996EKR2 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
More results

Similar Description - MCZ33996EKR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com