Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34727AFC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC34727AFC
Description  600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34727AFC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34727AFC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34727AFC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
MC34727
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 14. MC34727 Functional Internal Block Diagram
INTEGRATED SUPPLY
INTERNAL REGULATOR AND REFERENCE
The internal regulator and reference block steps down the
high input voltage to lower voltage, to power all the internal
blocks, and provides the reference voltage for the other
internal blocks.
OSCILLATOR
The oscillator block provides 2.0MHz clock signal to the
controller.
CONTROL
THERMAL SHUTDOWN
The thermal shutdown block monitors the die temperature.
Once the die temperature reaches its threshold, this block
turns off the device to prevent the further die temperature
rise.
SOFT-START
The soft-start block controls the output voltage ramp after
the device is enabled, to limit the in-rush current. The start-up
time is internally set to approximately 2.0ms, and is
independent of input voltage, output voltage, or load current.
The soft-start sequence also occurs upon recovery from any
fault condition.
UVLO
The UVLO block monitors the input voltage. Once the
input voltage is lower than the falling threshold voltage, this
block turns off the device, to avoid unpredictable circuit
behavior.
CURRENT LIMIT
The current limit block monitors the inductor current. When
the peak inductor current reaches its current limit, this block
turns off the high side MOSFET, to prevent the device and
external components from damage.
POWER MOSFET DRIVER
The power-MOSFET driver block controls the phase of the
diver signals, and enhances the drive capability of these
signals.
POWER-MOSFET
The power-MOSFET block contains two power
MOSFETs. One is a PMOS that passes the current from the
input to the output, and the other is an NMOS that provides
the inductor current loop when PMOS is turned off.
MC34727 - Functional Block Diagram
Integrated Supply
Oscillator
MOSFET
Control
Integrated Supply
Internal Regulator & Reference
Control
Oscillator
Power MOSFET Driver
Undervoltage Lockout
Power MOSFET
Thermal Shutdown
Soft Start
Current Limit


Similar Part No. - MC34727AFC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFC FREESCALE-MC34726AFC Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFC FREESCALE-MC34726AFC Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFCR2 FREESCALE-MC34726AFCR2 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726BFC FREESCALE-MC34726BFC Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
More results

Similar Description - MC34727AFC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Renesas Technology Corp
ISL9105 RENESAS-ISL9105 Datasheet
877Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9105 INTERSIL-ISL9105 Datasheet
588Kb / 11P
   600mA Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com