Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145151P2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC145151P2
Description  PLL Frequency Synthesizers (CMOS)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145151P2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC145151P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MC145152-2 Parallel-Input (Interfaces with Dual-Modulus Prescalers)
MC145151-2 and MC145152-2 Technical Data, Rev. 5
Freescale Semiconductor
11
Figure 8. 666-Channel Computer-Controlled, Mobile Radiotelephone Synthesizer
for 800 MHz Cellular Radio Systems
NOTES:
1. Receiver 1st I.F. = 45 MHz, low side injection; Receiver 2nd I.F. = 11.7 MHz, low side injection.
2. Duplex operation with 45 MHz receiver/transmit separation.
3. fR = 7.5 kHz; ÷ R = 2048.
4. Ntotal = N • 64 + A = 27501 to 28166; N = 429 to 440; A = 0 to 63.
5. High frequency prescalers may be used for higher frequency VCO and fref
implementations.
6. The
φ
R and φV outputs are fed to an external combiner/loop filter. See the Phase-Locked Loop - Low-Pass Filter Design page for
additional information. The
φ
R and φV outputs swing rail-to-rail. Therefore, the user should be careful not to exceed the common mode
input range of the op amp used in the combiner/loop filter.
LOCK DETECT SIGNAL
R1
+
RECEIVER FIRST L.O.
825.030
→ 844.980 MHz
(30 kHz STEPS)
÷ 64/65 PRESCALER
NOTE 5
MC145152-2
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φ
R
φ
V
fin
-
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1"
“1"
“1"
CHANNEL PROGRAMMING
REF. OSC.
15.360 MHz
(ON-CHIP OSC.
OPTIONAL)
X2
X4
NOTE 5
X4
NOTE 5
TRANSMITTER
MODULATION
TRANSMITTER SIGNAL
825.030
→ 844.980 MHz
(30 kHz STEPS)
RECEIVER 2ND L.O.
30.720 MHz
NOTE 6
NO CONNECTS


Similar Part No. - MC145151P2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145151P2 MOTOROLA-MC145151P2 Datasheet
718Kb / 36P
   Parallel-Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145151P2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com