Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145170P2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC145170P2
Description  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145170P2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC145170P2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
MC145170-2/D
Rev. 5, 1/2005
MC145170-2
SCALE 2:1
Package Information
D Suffix
Plastic DIP Package
Case 751B
Package Information
DT Suffix
TSSOP Package
Case 948C
Package Information
P Suffix
SOG Package
Case 648
Ordering Information
Device
Operating
Temperature Range
Package
MC145170P2
TA = -40 to 85°C
Plastic DIP
MC145170D2
SOG-16
MC145170DT2
TSSOP-16
1
Introduction
The new MC145170-2 is pin-for-pin compatible with the
MC145170-1. A comparison of the two parts is shown in
Table 1 on page 2. The MC145170-2 is recommended
for new designs and has a more robust power-on reset
(POR) circuit that is more responsive to momentary
power supply interruptions. The two devices are actually
the same chip with mask options for the POR circuit. The
more robust POR circuit draws approximately 20
µA
additional supply current. Note that the maximum
specification of 100
µA quiescent supply current has not
changed.
The MC145170-2 is a single-chip synthesizer capable of
direct usage in the MF, HF, and VHF bands. A special
architecture makes this PLL easy to program. Either a
bit- or byte-oriented format may be used. Due to the
patented BitGrabber
™ registers, no address/steering bits
are required for random access of the three registers.
Thus, tuning can be accomplished via a 2-byte serial
transfer to the 16-bit N register.
MC145170-2
PLL Frequency Synthesizer with
Serial Interface
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Electrical Characteristics . . . . . . . . . . . . . . . 3
3 Pin Connections . . . . . . . . . . . . . . . . . . . . . . . 9
4 Design Considerations . . . . . . . . . . . . . . . . 18
5 Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . 29


Similar Part No. - MC145170P2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170P2 MOTOROLA-MC145170P2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
MC145170P2 LANSDALE-MC145170P2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170P2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com