Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145028DW Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC145028DW
Description  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145028DW Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC145028DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145028DW Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Electrical Specifications
MC145026, MC145027, MC145028 Technical Data, Rev. 4
Freescale Semiconductor
7
Table 4. Switching Characteristics - MC1450261, MC145027, and MC145028 (CL = 50 pF, TA = 25°C)
1 Also see next Electrical Characteristics table for 2.5 V specifications.
Symbol
Characteristic
Figure
No.
VDD
Guaranteed Limit
Unit
Min
Max
tTLH, tTHL
Output Transition Time
5, 9
5.0
10
15
-
-
-
200
100
80
ns
tr
Din Rise Time - Decoders
6
5.0
10
15
-
-
-
15
15
15
µs
tf
Din Fall Time - Decoders
6
5.0
10
15
-
-
-
15
5.0
4.0
µs
fosc
Encoder Clock Frequency
7
5.0
10
15
0.001
0.001
0.001
2.0
5.0
10
MHz
f
Decoder Frequency - Referenced to Encoder Clock
13
5.0
10
15
1.0
1.0
1.0
240
410
450
kHz
tw
TE Pulse Width - Encoders
8
5.0
10
15
65
30
20
-
-
-
ns
Table 5. Switching Characteristics - MC145026 (CL = 50 pF, TA = 25°C)
Symbol
Characteristic
Figure
No.
VDD
Guaranteed Limit
Unit
Min
Max
tTLH, tTHL
Output Transition Time
5, 9
2.5
-
450
ns
fosc
Encoder Clock Frequency
7
2.5
1.0
250
kHz
tw
TE Pulse Width
8
2.5
1.5
-
µs


Similar Part No. - MC145028DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145028DW LANSDALE-MC145028DW Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145028DW FREESCALE-MC145028DW Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Similar Description - MC145028DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com