Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5208CVM166 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MCF5208CVM166
Description  ColdFire짰 Microprocessor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5208CVM166 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MCF5208CVM166 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5208CVM166 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5208CVM166 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5208CVM166 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5208CVM166 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5208CVM166 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5208CVM166 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5208CVM166 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5208CVM166 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MCF5208 ColdFire® Microprocessor Data Sheet, Rev. 1
MCF5207/8 Device Configurations
Freescale Semiconductor
2
1
MCF5207/8 Device Configurations
The following table compares the two devices described in this document:
2
Ordering Information
Table 1. MCF5207 & MCF5208 Configurations
Module
MCF5207
MCF5208
Version 2 ColdFire Core with EMAC
(Enhanced Multiply-Accumulate Unit)
••
Core (System) Clock
up to 166.67 MHz
Peripheral and External Bus Clock
(Core clock
÷ 2)
up to 83.33 MHz
Performance (Dhrystone/2.1 MIPS)
up to 159
Instruction/Data Cache
8 Kbytes
Static RAM (SRAM)
16 Kbytes
SDR/DDR SDRAM Controller
Fast Ethernet Controller (FEC)
Low-Power Management Module
UARTs
3
3
I2C•
QSPI
32-bit DMA Timers
4
4
Watchdog Timer (WDT)
Periodic Interrupt Timers (PIT)
4
4
Edge Port Module (EPORT)
Interrupt Controllers (INTC)
1
1
16-channel Direct Memory Access (DMA)
FlexBus External Interface
General Purpose I/O Module (GPIO)
JTAG - IEEE® 1149.1 Test Access Port
Package
144 LQFP
144 MAPBGA
160 QFP
196 MAPBGA
Table 2. Orderable Part Numbers
Freescale Part
Number
Description
Speed
Temperature
MCF5207CAG166
MCF5207 RISC Microprocessor, 144 LQFP
166.67 MHz
–40
° to +85° C
MCF5207CVM166
MCF5207 RISC Microprocessor, 144 MAPBGA
166.67 MHz
–40
° to +85° C
MCF5208CAB166
MCF5208 RISC Microprocessor, 160 QFP
166.67 MHz
–40
° to +85° C
MCF5208CVM166
MCF5208 RISC Microprocessor, 196 MAPBGA
166.67 MHz
–40
° to +85° C


Similar Part No. - MCF5208CVM166

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5208CVM166 FREESCALE-MCF5208CVM166 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5208CVM166 FREESCALE-MCF5208CVM166 Datasheet
523Kb / 46P
   Microprocessor Data Sheet
MCF5208CVM166 FREESCALE-MCF5208CVM166 Datasheet
2Mb / 46P
   MCF5208 ColdFire짰 Microprocessor Data Sheet
More results

Similar Description - MCF5208CVM166

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
   ColdFire짰 Integrated Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com