Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52232 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF52232
Description  ColdFire Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52232 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF52232 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52232 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52232 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52232 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52232 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52232 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52232 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52232 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52232 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
3
1
MCF52235 Family Configurations
Table 1. MCF52235 Family Configurations
Module
52230
52231
52232
52233
52234
52235
52236
Version 2 ColdFire Core with EMAC
(Enhanced Multiply-Accumulate Unit)
••••••
System Clock (MHz)
60
60
50
60
60
60
50
Performance (Dhrystone 2.1 MIPS)
56
56
46
56
56
56
46
Flash / Static RAM (SRAM)
128/32
Kbytes
128/32
Kbytes
128/32
Kbytes
256/32
Kbytes
256/32
Kbytes
256/32
Kbytes
256/32
Kbytes
Interrupt Controllers (INTC0/INTC1)
••••••
Fast Analog-to-Digital Converter (ADC)
••••••
Random Number Generator and Crypto
Acceleration Unit (CAU)
—————
FlexCAN 2.0B Module
——
••
Fast Ethernet Controller (FEC) with on-chip
interface (EPHY)
••••••
Four-channel Direct-Memory Access (DMA)
••••••
Software Watchdog Timer (WDT)
••••••
Programmable Interrupt Timer
2222222
Four-Channel General Purpose Timer
••••••
32-bit DMA Timers
4444444
QSPI
••••••
UART(s)
3333333
I2C
••••••
Eight/Four-channel 8/16-bit PWM Timer
••••••
General Purpose I/O Module (GPIO)
••••••
Chip Configuration and Reset Controller
Module
••••••
Background Debug Mode (BDM)
••••••
JTAG - IEEE 1149.1 Test Access Port1
1 The full debug/trace interface is available only on the 112- and 121-pin packages. A reduced debug interface is bonded on the
80-pin package.
••••••
Package
80 LQFP
112 LQFP
80 LQFP
112 LQFP
80 LQFP
80 LQFP
112 LQFP
112 LQFP
121
MAPBGA
112 LQFP
121
MAPBGA
80 LQFP


Similar Part No. - MCF52232

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF52232 NXP-MCF52232 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52232AF50 FREESCALE-MCF52232AF50 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52232AF50 NXP-MCF52232AF50 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52232CAF50 FREESCALE-MCF52232CAF50 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52232CAF50 NXP-MCF52232CAF50 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
More results

Similar Description - MCF52232

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com