Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5251 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF5251
Description  ColdFire짰 Microprocessor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5251 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF5251 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5251 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Functional Description
MCF5251 ColdFire Processor Data Sheet: Technical Data, Rev. 3
4
Freescale Semiconductor
2
Functional Description
2.1
Version 2 ColdFire Core
The Version 2 ColdFire (CF2) core consists of two independent, decoupled pipeline structures to maximize
performance while minimizing core size. The instruction fetch pipeline (IFP) is a two-stage pipeline for
prefetching instructions. The prefetched instruction stream is then gated into the two-stage operand
execution pipeline (OEP), which decodes the instruction, fetches the required operands, and then executes
the required function.
2.2
Module Inventory
Table 2 shows an alphabetical listing of the modules in the processor.
Table 2. Digital and Analog Modules
Block
Mnemonic
Block Name
Functional
Grouping
Brief Description
ATA
Advanced Technology
Attachment Controller
Connectivity
Peripheral
The ATA block is an AT attachment host interface. Its main use is to
interface with IDE hard disc drives and ATAPI optical disc drives.
ADC
Battery Level/Keypad
Analog/Digital
Converter
Analog Input
The six-channel ADC is based on the Sigma-Delta concept with 12-bit
resolution. Both the analog comparator and digital sections are integrated
in the MCF5251.
AB
Audio Bus
Audio
Interface
The audio interfaces connect to an internal bus that carries all audio data.
Each receiver places its received data on the audio bus and each
transmitter takes data from the audio bus for transmission.
AIM
Audio Interface
Audio
Interface
The audio interface module provides the necessary input and output
features to receive and transmit digital audio signals over serial audio
interfaces (IIS/EIAJ) and over digital audio interfaces (IEC958).
BROM
Bootloader
Boot ROM
The MCF5251 incorporates a ROM Bootloader, which enables booting
from UART, I2C, SPI, or IDE devices.
FlexCAN
Twin Controller Area
Network 2.0B
Communication Unit
Connectivity
Peripheral
The FlexCan module is a full implementation of the Bosch CAN protocol
specification 2.0B, which supports both standard and extended message
frames.
CSM
Chip Select Module
Connectivity
Peripheral
Three programmable chip-select outputs (CS0/CS4, CS1, and CS2)
provide signals that enable glueless connection to external memory and
peripheral circuits.
DMAC
Direct Memory
Access Controller
Module
Connectivity
Peripheral
There are four fully programmable DMA channels for quick data transfer.
eMAC
enhanced Multiply
Accumulate Module
Core
The integrated eMAC unit provides a common set of DSP operations and
enhances the integer multiply instructions in the ColdFire architecture.
MBUS
Memory Bus Interface Bus Operation The bus interface controller transfers data between the ColdFire core or
DMA and memory, peripherals, or other devices on the external bus.
MMC/SD
Multimedia
Card/Secure Digital
Interface
Flash Memory
Card Interface
The interface is Sony® Memory Stick®, SecureDigital, and Multi-Media
card compatible.
Note: The Sony Memory Interface does not support Sony MagicGate™.


Similar Part No. - MCF5251

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5251 FREESCALE-MCF5251 Datasheet
647Kb / 32P
   ColdFire Processor
MCF5251 FREESCALE-MCF5251 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251CDVM140 FREESCALE-MCF5251CDVM140 Datasheet
647Kb / 32P
   ColdFire Processor
MCF5251CEVM140 FREESCALE-MCF5251CEVM140 Datasheet
647Kb / 32P
   ColdFire Processor
MCF5251CVM140 FREESCALE-MCF5251CVM140 Datasheet
647Kb / 32P
   ColdFire Processor
More results

Similar Description - MCF5251

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
   ColdFire짰 Integrated Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com