Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51QE96CLH Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCF51QE96CLH
Description  32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51QE96CLH Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF51QE96CLH Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF51QE96CLH Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Electrical Characteristics
MCF51QE128 Series Data Sheet, Rev. 7
Freescale Semiconductor
9
3
Electrical Characteristics
3.1
Introduction
This section contains electrical and timing specifications for the MCF51QE128 series of microcontrollers available at the time
of publication.
3.2
Parameter Classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the customer a better
understanding the following classification is used and the parameters are tagged accordingly in the tables where appropriate:
NOTE
The classification is shown in the column labeled “C” in the parameter tables where
appropriate.
3.3
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the
limits specified in Table 4 may affect device reliability or cause permanent damage to the device. For functional operating
conditions, refer to the remaining tables in this section.
This device contains circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised
that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this
high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for
instance, either VSS or VDD) or the programmable pull-up resistor associated with the pin is enabled.
1 SPI1 pins (SS1, MISO1, MOSI1, and SPSCK2) can be repositioned using SPI1PS
in SOPT2. Default locations are PTB5, PTB4, PTB3, and PTB2.
2 IIC1 pins (SCL1 and SDA1) can be repositioned using IIC1PS in SOPT2. Default
locations are PTA3 and PTA2, respectively.
3 The PTA4/ACMP1O/BKGD/MS is limited to output only for the port I/O function.
Table 3. Parameter Classifications
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically relevant sample
size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted. All values shown in the typical column are within this
category.
D
Those parameters are derived mainly from simulations.


Similar Part No. - MCF51QE96CLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
MCF51QE128CLH FREESCALE-MCF51QE128CLH Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE128CLK FREESCALE-MCF51QE128CLK Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MCF51QE64 FREESCALE-MCF51QE64 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
More results

Similar Description - MCF51QE96CLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51QE128 FREESCALE-MCF51QE128 Datasheet
744Kb / 38P
   32-Bit Version 1 ColdFire짰 Central Processor Unit (CPU)
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08EL32 FREESCALE-MC9S08EL32 Datasheet
4Mb / 356P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LC60_0707 FREESCALE-MC9S08LC60_0707 Datasheet
3Mb / 360P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QD4 FREESCALE-MC9S08QD4_07 Datasheet
2Mb / 202P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC16 FREESCALE-MC9S08AC16_08 Datasheet
3Mb / 344P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com