Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5251CVM140 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF5251CVM140
Description  ColdFire짰 Microprocessor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5251CVM140 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF5251CVM140 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF5251CVM140 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Electrical Specifications
MCF5251 ColdFire Processor Data Sheet: Technical Data, Rev. 3
Freescale Semiconductor
11
4
Electrical Specifications
Table 4 through Table 10 provide the electrical characteristics for the MCF5251 processor. The remaining
figures and tables in this section provide the timing diagrams and the timing parameters for the MCF5251
processor.
Table 4 provides the maximum rating parameters for the MCF5251 processor.
Table 5 provides the recommended operating temperatures for the MCF5251 processor.
Table 6 provides the recommended operating supply voltages for the MCF5251 processor.
Table 4. Maximum Ratings
Rating
Symbol
Value
Units
Supply Core Voltage
Vcc
-0.5 to +2.5
V
Maximum Core Operating Voltage
Vcc
+1.32
V
Minimum Core Operating Voltage
Vcc
+1.08
V
Supply I/O Voltage
Vcc
-0.5 to +4.6
V
Maximum I/O Operating Voltage
Vcc
+3.6
V
Minimum I/O Operating Voltage
Vcc
+3.0
V
Input Voltage
Vin
–0.5 to +6.0
V
Storage Temperature Range
Tstg
–65 to +150
oC
Table 5. Operating Temperature
Characteristic
Symbol
Value
Units
Maximum Operating Ambient Temperature
TAmax
+851
1 This published maximum operating ambient temperature should be used only as a system design guideline. All
device operating parameters are guaranteed only when the junction temperature does not exceed 125o C.
oC
Minimum Operating Ambient Temperature
TAmin
-40
oC
Table 6. Recommended Operating Supply Voltages
Pin Name
Min
Typ
Max
Unit
COREVDD
1.08
1.2
1.32
V
PADVDD
3.0
3.3
3.6
V
ADVDD
3.0
3.3
3.6
V
ADGND
GND
V
OSCPADVDD
3.0
3.3
3.6
V
OSCPADGND
GND
V
USBVDD
3.3
V
USBVDDP
1.2
V


Similar Part No. - MCF5251CVM140

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5251CVM140 FREESCALE-MCF5251CVM140 Datasheet
647Kb / 32P
   ColdFire Processor
MCF5251CVM140 FREESCALE-MCF5251CVM140 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
More results

Similar Description - MCF5251CVM140

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5272 FREESCALE-MCF5272 Datasheet
6Mb / 544P
   ColdFire짰 Integrated Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com