Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

V827432K24S Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part No. V827432K24S
Description  2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827432K24S Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V827432K24S Datasheet HTML 1Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 2Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 3Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 4Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 5Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 6Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 7Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 8Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
MOSEL VITELIC
V827432K24S
V827432K24S Rev. 1.2 September 2002
Part Number Information
V
8
2
74
32 K
2
4
S
X
T
G - XX
DDR SDRAM
2.5V
WIDTH
DEPTH
184 PIN Unbuffered
DIMM X8 COMPONENT
REFRESH
RATE 8K
4 BANKS
STTL
COMPONENT
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
LEAD FINISH
G = GOLD
SPEED
A1 (100MHZ@CL2)
MOSELVITELIC
MANUFACTURED
B0 (133MHZ@CL2.5)
B1 (133MHZ@CL2)
C0 (166MHZ@CL2.5)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn