Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

V827432K24S Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part No. V827432K24S
Description  2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827432K24S Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V827432K24S Datasheet HTML 1Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 2Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 3Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 4Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 5Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 6Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 7Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 8Page - Mosel Vitelic, Corp V827432K24S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MOSEL VITELIC
V827432K24S
5
V827432K24S Rev.1.2 September 2002
Serial Presence Detect Information
Bin Sort:
A1 (PC1600 @ CL2)
B0 (PC2100B @ CL2.5)
B1 (PC2100A @ CL2)
C0 (PC2700 @ CL2.5)
Byte #
Function described
Function Supported
Hex value
A1
B0
B1
C0
A1
B0
B1
C0
0
Defines # of Bytes written into serial memory at module manu-
facturer
128bytes
80h
1
Total # of Bytes of SPD memory device
256bytes
08h
2
Fundamental memory type
SDRAM DDR
07h
3
# of row address on this assembly
13
0Dh
4
# of column address on this assembly
10
0Ah
5
# of module Rows on this assembly
1 Bank
01h
6
Data width of this assembly
72 bits
48h
7
.........Data width of this assembly
-
00h
8
VDDQ and interface standard of this assembly
SSTL 2.5V
04h
9
DDR SDRAM cycle time at CAS Latency =2.5
8ns
7.5ns
7ns
6ns
80h
75h
70h
60h
10
DDR SDRAM Access time from clock at CL=2.5
±0.8ns ±0.75ns±0.75ns±0.70ns
80h
75h
75h
70h
11
DIMM configuration type(Non-parity, Parity, ECC)
Non-parity, ECC
02h
12
Refresh rate & type
7.8us & Self refresh
82h
13
Primary DDR SDRAM width
x8
08h
14
Error checking DDR SDRAM data width
x8
08h
15
Minimum clock delay for back-to-back random column
address
tCCD=1CLK
01h
16
DDR SDRAM device attributes : Burst lengths supported
2,4,8
0Eh
17
DDR SDRAM device attributes : # of banks on each DDR
SDRAM
4 banks
04h
18
DDR SDRAM device attributes : CAS Latency supported
2,2.5
0Ch
19
DDR SDRAM device attributes : CS Latency
0CLK
01h
20
DDR SDRAM device attributes : WE Latency
1CLK
02h
21
DDR SDRAM module attributes
Differential clock /
non Registered
20h
22
DDR SDRAM device attributes : General
+/-0.2V voltage tolerance
00h
23
DDR SDRAM cycle time at CL =2
10ns
10ns
7.5ns
7.5ns
A0h
A0h
75h
75h
24
DDR SDRAM Access time from clock at CL =2
±0.8ns ±0.75ns±0.75ns±0.70ns
80h
75h
75h
70h
25
DDR SDRAM cycle time at CL =1.5
-
-
-
-
00h
26
DDR SDRAM Access time from clock at CL =1.5
-
-
-
-
00h
27
Minimum row precharge time (=tRP)
20ns
20ns
20ns
18ns
50h
50h
50h
48h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn