Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU508AW Datasheet(PDF) 4 Page - STMicroelectronics

Part # BU508AW
Description  High voltage NPN power transistor for standard definition CRT display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU508AW Datasheet(HTML) 4 Page - STMicroelectronics

  BU508AW Datasheet HTML 1Page - STMicroelectronics BU508AW Datasheet HTML 2Page - STMicroelectronics BU508AW Datasheet HTML 3Page - STMicroelectronics BU508AW Datasheet HTML 4Page - STMicroelectronics BU508AW Datasheet HTML 5Page - STMicroelectronics BU508AW Datasheet HTML 6Page - STMicroelectronics BU508AW Datasheet HTML 7Page - STMicroelectronics BU508AW Datasheet HTML 8Page - STMicroelectronics BU508AW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
BU508AW
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0)
VCE = 1500V
VCE = 1500V;
TC= 125°C
0.2
2
mA
mA
IEBO
Emitter cut-off current
(IC =0)
VEB = 9V
1mA
VCEO(sus)
(1)
Collector-emitter
sustaining voltage
(IC =0)
IC = 100mA
700
V
VCE(sat)
(1)
1.
Pulsed: Pulse duration = 300 ms, duty cycle 1.5 %
Collector-emitter
saturation voltage
IC = 4.5A
IB = 1.6A
1V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 4.5A
IB = 2A
1.1
V
hFE
(1)
DC current gain
IC = 0.1A
VCE = 5V
IC = 4.5A
VCE = 5V
10
5
30
ts
tf
Inductive load
Storage time
Fall time
IC = 4.5A
IB(on) = 0.5A
VBE(off) = -2.7V fh = 16KHz
LBB(off) = 4.5µH
2.5
0.2
µs
µs


Similar Part No. - BU508AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU508AW PHILIPS-BU508AW Datasheet
72Kb / 6P
   Silicon Diffused Power Transistor
July 1998 Rev 1.200
logo
STMicroelectronics
BU508AW STMICROELECTRONICS-BU508AW Datasheet
109Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
logo
Savantic, Inc.
BU508AW SAVANTIC-BU508AW Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU508AW ISC-BU508AW Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU508AW SAVANTIC-BU508AW Datasheet
118Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BU508AW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S2000AF STMICROELECTRONICS-S2000AF_07 Datasheet
99Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
March 2007 Rev 1
MD1802FH STMICROELECTRONICS-MD1802FH Datasheet
102Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
MD1802FX STMICROELECTRONICS-MD1802FX Datasheet
109Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
MD2310FX STMICROELECTRONICS-MD2310FX Datasheet
254Kb / 10P
   High voltage NPN Power transistor for standard definition CRT display
MD1803DFH STMICROELECTRONICS-MD1803DFH Datasheet
201Kb / 10P
   High voltage NPN Power transistor for standard definition CRT display
MD1803DFX_0609 STMICROELECTRONICS-MD1803DFX_0609 Datasheet
206Kb / 10P
   High voltage NPN Power transistor for standard Definition CRT display
MD1802FX STMICROELECTRONICS-MD1802FX_07 Datasheet
214Kb / 11P
   High voltage NPN power transistor for standard definition CRT display
MD2001FH STMICROELECTRONICS-MD2001FH Datasheet
92Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
MD2001FX STMICROELECTRONICS-MD2001FX Datasheet
99Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
BU508AW STMICROELECTRONICS-BU508AW Datasheet
109Kb / 8P
   High voltage NPN Power transistor for standard Definition CRT display
MD1803DFP STMICROELECTRONICS-MD1803DFP Datasheet
210Kb / 10P
   High voltage NPN Power transistor for standard definition CRT display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com