Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C5181024L-70PI Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V62C5181024L-70PI
Description  128K X 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C5181024L-70PI Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V62C5181024L-70PI Datasheet HTML 4Page - Mosel Vitelic, Corp V62C5181024L-70PI Datasheet HTML 5Page - Mosel Vitelic, Corp V62C5181024L-70PI Datasheet HTML 6Page - Mosel Vitelic, Corp V62C5181024L-70PI Datasheet HTML 7Page - Mosel Vitelic, Corp V62C5181024L-70PI Datasheet HTML 8Page - Mosel Vitelic, Corp V62C5181024L-70PI Datasheet HTML 9Page - Mosel Vitelic, Corp V62C5181024L-70PI Datasheet HTML 10Page - Mosel Vitelic, Corp V62C5181024L-70PI Datasheet HTML 11Page - Mosel Vitelic, Corp V62C5181024L-70PI Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOSEL VITELIC
V62C5181024
9
V62C5181024 Rev. 2.2 February 2000
Package Diagrams
32-Pin 600 mil Plastic DIP
32-Pin 440 mil SOP (525 mil pin-to-pin)
15
° MAX
0.545–0.555
[13.84–14.10]
INDEX-1
.047
+0.012
–0
1.19
+0.305
–0
0.210 [5.33] MAX
0.120 [3.05] MIN
0.010 [0.254] MIN
0.600 TYP
[15.24 TYP]
1.660 MAX.
[42.16 MAX.]
0.050 [1.27] MAX
0.100
[2.54]
TYP
0.032
+0.012
–0
0.813
+0.305
–0
0.018
+0.006
–0.002
0.457
+0.152
–0.051
0.010
+0.102
–0.010
0.254
+0.004
–0.0004
INDEX-2
EJECTOR MARK
Units in inches [mm]
0.556
±0.012
[14.12
± 0.305]
0.525 [13.34] MAX.
0.822 [20.88] MAX.
0.806
±0.008
[20.47
± 0.203]
0.108
±0.008
[2.74
± 0.203]
0.118 [3.00] MAX.
0.008
+0.004
–0.002
0.028 [0.711]
0.002 [0.051] MAX.
0.450
±0.008
[11.43
± 0.203]
0.031
±0.008
[0.787
±0.203]
0–8
°
0.098 [2.50] MAX
0.10 [2.54] MAX.
0.004 [0.102] MAX.
0.050 [1.27]
0.018
± 0.004
[0.457
± 0.102]
Units in inches [mm]


Similar Part No. - V62C5181024L-70PI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
V62C5181024LL-70P SAMSUNG-V62C5181024LL-70P Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - V62C5181024L-70PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com