Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4502M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HCPL4502M
Description  High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4502M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HCPL4502M Datasheet HTML 1Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 2Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 3Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 4Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 5Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 6Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 7Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 8Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.1
October 2008
PRELIMINARY
Single-Channel: 6N135M, 6N136M, HCPL2503M,
HCPL4502M, HCPL4503M
Dual-Channel: HCPL2530M, HCPL2531M
High Speed Transistor Optocouplers
Features
High speed –1 MBit/s
Superior CMR – 10kV/µs
Dual-Channel HCPL2530M, HCPL2531M
(Preliminary)
CTR guaranteed 0–70°C
U.L. recognized (File # E90700, Vol. 2)
5,000Vrms (1 minute) isolation rating
Superior CMR of 15,000V/µs min. (HCPL4503M)
>8mm creepage and clearance (option T)
No base connection for improved noise immunity
(HCPL4502M, HCPL4503M)
Applications
Line receivers
Pulse transformer replacement
Output interface to CMOS-LSTTL-TTL
Wide bandwidth analog coupling
Description
The HCPL4502M, HCPL4503M, HCPL2503M, 6N135M,
6N136M, HCPL2530M and HCPL2531M optocouplers
consist of an AlGaAs LED optically coupled to a high
speed photodetector transistor.
A separate connection for the bias of the photodiode
improves the speed by several orders of magnitude over
conventional phototransistor optocouplers by reducing
the base-collector capacitance of the input transistor.
An internal noise shield provides superior common
mode rejection of up to 50,000V/µs.
Schematics
Package Outlines
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL2530M/HCPL2531M
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
N/C
N/C
6N135M, 6N136M, HCPL2503M,
HCPL4502M, HCPL4503M
Pin 7 is not connected in
HCPL4502M and HCPL4503M
8
8
1
8
1
1


Similar Part No. - HCPL4502M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4502M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com