Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4502M Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # HCPL4502M
Description  High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4502M Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button HCPL4502M Datasheet HTML 5Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 6Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 7Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 8Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 9Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 10Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 11Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 12Page - Fairchild Semiconductor HCPL4502M Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.1
11
PRELIMINARY
Carrier Tape Specifications
Symbol
Description
Dimension in mm
WTape Width
16.0 ± 0.3
tTape Thickness
0.30 ± 0.05
P0
Sprocket Hole Pitch
4.0 ± 0.1
D0
Sprocket Hole Diameter
1.55 ± 0.05
E
Sprocket Hole Location
1.75 ± 0.10
FPocket Location
7.5 ± 0.1
P2
2.0 ± 0.1
PPocket Pitch
12.0 ± 0.1
A0
Pocket Dimensions
10.30 ±0.20
B0
10.30 ±0.20
K0
4.90 ±0.20
W1
Cover Tape Width
13.2 ± 0.2
dCover Tape Thickness
0.1 max
Max. Component Rotation or Tilt
10°
R
Min. Bending Radius
30
d
0
P
t
2
D0
1
1
W
User Direction of Feed
0
K
B0
A0
W
E
D
F
P
P


Similar Part No. - HCPL4502M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4502M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com