Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4503M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HCPL4503M
Description  High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL4503M Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.1
4
PRELIMINARY
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Transfer Characteristics
*All Typicals at TA = 25°C
Note:
5. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF,
times 100%.
Symbol
Parameter
Test Conditions
Device
Min. Typ.* Max. Unit
COUPLED
CTR
Current Transfer
Ratio(5)
IF = 16mA, VO = 0.4 V,
VCC = 4.5V, TA =25°C
6N135M
HCPL2530M
718
50
%
6N136M
HCPL4502M
HCPL4503M
HCPL2531M
19
30
50
%
HCPL2503M
12
27
%
IF = 16mA,
VCC = 4.5V
VOL = 0.4V
6N135M
5
21
%
VOL = 0.5V
HCPL2530M
VOL = 0.4V
6N136M
HCPL4502M
HCPL4503M
15
30
%
VOL = 0.5V
HCPL2531M
VOL = 0.4V
HCPL2503M
9
30
%
VOL
Logic LOW Output
Voltage
IF = 16mA, IO = 1.1mA,
VCC = 4.5V, TA =25°C
6N135M
0.10
0.4
V
HCPL2530M
0.10
0.5
IF = 16mA, IO = 3mA,
VCC = 4.5V, TA =25°C
6N136M
HCPL2503M
HCPL4503M
0.15
0.4
HCPL2531M
0.15
0.5
IF = 16mA, IO = 0.8mA,
VCC = 4.5V
6N135M
HCPL2530M
0.5
IF = 16mA, IO = 2.4mA,
VCC = 4.5V
HCPL4502M
HCPL4503M
HCPL2531M
0.5


Similar Part No. - HCPL4503M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
ON Semiconductor
HCPL4503M ONSEMI-HCPL4503M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
More results

Similar Description - HCPL4503M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com