Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1017A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1017A
Description  PIEZOELECTRIC ACCELEROMETER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1017A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1017A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1017A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VIP Sensors
California, USA
Ph (949) 429 3558
Fx (949) 528 0126
info@vipsensors.com
www.vipsensors.com
VIP Sensors reserves the right to modify
these specifications without notice. V01
Quality
Innovations
Customer Satisfaction
MODEL
1017A
PIEZOELECTRIC ACCELEROMETER
UNITS
DYNAMIC CHARACTERISTICS
Axial Sensitivity
pC/g
2
Transverse Sensitivity
%
≤ 5
Frequency Response
See Typical Amplitude Response
Resonance Frequency
Hz
21,000
Amplitude Response [1]
+ 5 %
Hz
1 to 5000
+ 1 dB
Hz
0.5 to 7000
Temperature Response
See Typical Temperature Response
Amplitude Linearity
%
< 1
ELECTRICAL CHARACTERISTICS
Output Polarity
Acceleration directed from the base into
the transducer is defined as positive
Resistance
G
>1
Capacitance
pF
300
Grounding
Signal ground connected to case
ENVIRONMENTAL CHARACTERISTICS
Temperature Range
-40
°F to 302°F (-40°C to +150°C)
Humidity
Epoxy sealed
Shock Limit
g pk
2000
Base Strain
equiv. g pk/µ strain
0.002
Magnetic Field Sensitivity
equiv. g rms/gauss
(/T)
1E-5 (1)
Thermal Transient Sensitivity
equiv. g pk/°F (/°C)
0.018 (0.01)
PHYSICAL CHARACTERISTICS
Weight
oz (grams)
0.1 (2.8)
Case Material
Stainless Steel
Mounting
Adhesive [2]
Piezoelectric Material
PZT-5
Structure
Annular Shear
Output Connector
10-32 receptacle, top mounting
ACCESSORIES
Included:
Optional:
9006-120 Cable, Low Noise 10-32/10-32, 10 ft (3.3 m)
9604
Cable Adapter 10-32/10-32
(extend cable length)
Calibration Certificate
NOTES
1.
Low end response of the transducer is a function of
its electronics.
2.
Adhesives such as cyanoacrylate epoxy (super
glue), petro-wax and hot-melt glue and may be
used to mount the accelerometer.
SPECIFICATIONS
The following performance specifications conform to ISA-RP-37.2 (1964) and are typical values, referenced at +75°F (+24°C) and
100 Hz, unless otherwise noted. Calibration data, traceable to National Institute of Standards and Technology (NIST), is supplied.


Similar Part No. - 1017A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1017 ETC-1017 Datasheet
137Kb / 1P
   Heyco짰 Original Strain Relief Bushings
logo
Heyco.
1017 HEYCO-1017 Datasheet
136Kb / 1P
   Original Strain Relief Bushings
10170 HEYCO-10170 Datasheet
115Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
SICK AG
1017000 SICK-1017000 Datasheet
1Mb / 7P
   CONTRAST SENSORS
logo
ERNI Electronics
101700560001 ERNI-101700560001 Datasheet
131Kb / 1P
   M02 MSpeed Blind Mate 50 SMD
More results

Similar Description - 1017A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1021A ETC2-1021A Datasheet
80Kb / 2P
   PIEZOELECTRIC ACCELEROMETER
1006A ETC2-1006A Datasheet
57Kb / 2P
   PIEZOELECTRIC ACCELEROMETER
logo
TE Connectivity Ltd
832M1 TEC-832M1 Datasheet
168Kb / 3P
   Triaxial Piezoelectric Accelerometer
810M1 TEC-810M1 Datasheet
158Kb / 3P
   Piezoelectric Linear Accelerometer
834M1 TEC-834M1 Datasheet
165Kb / 3P
   Triaxial Piezoelectric Accelerometer
8101 TEC-8101 Datasheet
166Kb / 4P
   Piezoelectric Linear Accelerometer
logo
List of Unclassifed Man...
2012A ETC2-2012A Datasheet
52Kb / 2P
   INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
2016A ETC2-2016A Datasheet
258Kb / 2P
   INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
2011A ETC2-2011A Datasheet
50Kb / 2P
   INTEGRAL ELECTRONICS (IEPE) PIEZOELECTRIC ACCELEROMETER
logo
Fujitsu Component Limit...
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com