Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3R-1212D Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # B3R-1212D
Description  3 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

B3R-1212D Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  B3R-1212D Datasheet HTML 1Page - Volgen Kaga Electronics Inc. B3R-1212D Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
43
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
PART NUMBER
B3R - 0505
B3R - 0512
B3R - 0515
B3R - 0505D
B3R - 0512D
B3R - 0515D
B3R - 1205
B3R - 1212
B3R - 1215
B3R - 1205D
B3R - 1212D
B3R - 1215D
B3R - 2405
B3R - 2412
B3R - 2415
B3R - 2405D
B3R - 2412D
B3R - 2415D
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
52 %
62 %
64 %
52 %
55 %
62 %
52 %
62 %
64 %
52 %
55 %
62 %
52 %
62 %
64 %
52 %
55 %
62 %
OUTPUT VOLTAGE
INPUT VOLTAGE
5 VDC
OUTPUT CURRENT
EFFICIENCY
12 VDC
Pin Connections
PIN
1
2
3
10
11
12
13
14
15
22
23
24
SINGLE OUTPUT
+Vin (Vcc)
No function
No function
-Vout
+Vout
-Vin (GND)
-Vin (GND)
+Vout
-Vout
No function
No function
+Vin (Vcc)
DUAL OUTPUT
+Vin (Vcc)
-Vout
Common
Common
+Vout
-Vin (GND)
-Vin (GND)
+Vout
Common
Common
-Vout
+Vin (Vcc)
24 VDC
1.25”
10
11
12
15
14
13
1
2
3
24
23
22
TOP VIEW
.70”
TYP.
.100” TYP.
.80”
.600”
.40”
MAX.
.120”
MIN.


Similar Part No. - B3R-1212D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
B3RAD0000092 PANASONIC-B3RAD0000092 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
B3RBB0000018 PANASONIC-B3RBB0000018 Datasheet
6Mb / 67P
   Service Manual
2014
More results

Similar Description - B3R-1212D

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT3-0503SI VOLGEN-MT3-0503SI Datasheet
313Kb / 3P
   3 WATT DC/DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
logo
List of Unclassifed Man...
MT5 ETC1-MT5 Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Volgen Kaga Electronics...
MT5-2405SI VOLGEN-MT5-2405SI Datasheet
284Kb / 2P
   5 WATT DC/DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
B2.2R-0505 VOLGEN-B2.2R-0505 Datasheet
226Kb / 2P
   2 WATT DC//DC CONVERTER,SIINGLE & MULTIIPLE OUTPUTS
MT10-1203S VOLGEN-MT10-1203S Datasheet
290Kb / 2P
   10 WATT DC//DC CONVERTER,, SIINGLE & MULTIIPLE OUTPUTS
MT2-0505SI VOLGEN-MT2-0505SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MSV-0505 VOLGEN-MSV-0505 Datasheet
276Kb / 3P
   1 AND 2 WATT DC//DC CONVERTERS SIINGLE & MULTIIPLE OUTPUTS
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com