Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4734A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 1N4734A
Description  Silicon Planar Zener Diodes for Stabilized Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1N4734A Datasheet(HTML) 5 Page - Renesas Technology Corp

  1N4734A Datasheet HTML 1Page - Renesas Technology Corp 1N4734A Datasheet HTML 2Page - Renesas Technology Corp 1N4734A Datasheet HTML 3Page - Renesas Technology Corp 1N4734A Datasheet HTML 4Page - Renesas Technology Corp 1N4734A Datasheet HTML 5Page - Renesas Technology Corp 1N4734A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1N4728A through 1N4753A
REJ03G1221-0500 Rev.5.00 Nov 13, 2007
Page 5 of 5
Package Dimensions
L
E
L
Min
Nom
Max
φb
-
0.8
φD
-3.0
E
--
5.2
L
26.0
-
-
-
-
Dimension in Millimeters
Reference
Symbol
0.38g
MASS[Typ.]
DO-41 / DO-41V
GRZZ0002ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
DO-41


Similar Part No. - 1N4734A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4734A PHILIPS-1N4734A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4734A VISHAY-1N4734A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SEMTECH ELECTRONICS LTD...
1N4734A SEMTECH_ELEC-1N4734A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
List of Unclassifed Man...
1N4734A ETC1-1N4734A Datasheet
16Kb / 1P
   Zener Diodes
logo
Sangdest Microelectroni...
1N4734A SMC-1N4734A Datasheet
170Kb / 5P
   ZENER DIODES
More results

Similar Description - 1N4734A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZK-L RENESAS-HZK-L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com