Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS86 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 1SS86
Description  Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1SS86 Datasheet(HTML) 3 Page - Renesas Technology Corp

  1SS86 Datasheet HTML 1Page - Renesas Technology Corp 1SS86 Datasheet HTML 2Page - Renesas Technology Corp 1SS86 Datasheet HTML 3Page - Renesas Technology Corp 1SS86 Datasheet HTML 4Page - Renesas Technology Corp 1SS86 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1SS86
Rev.3.00 May 09, 2005 page 3 of 4
Main Characteristic
0.1
10
1.0
0.1
10
f = 1MHz
0
0.4
1.0
0.6
0.2
0.8
0
1
5
4
3
2
1.0
10
-1
10
-2
10
-3
10
-4
10
-5
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
10
-4
10
-5
10
-6
10
-7
10
-8
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)


Similar Part No. - 1SS86

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS86 HITACHI-1SS86 Datasheet
73Kb / 7P
   Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
logo
SEMTECH ELECTRONICS LTD...
1SS86 SEMTECH_ELEC-1SS86 Datasheet
118Kb / 1P
   SILICON SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
1SS86 SUNMATE-1SS86 Datasheet
290Kb / 2P
   SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - 1SS86

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS86 HITACHI-1SS86 Datasheet
73Kb / 7P
   Silicon Schottky Barrier Diode for UHF TV Tuner Mixer
logo
New Jersey Semi-Conduct...
1N82AG NJSEMI-1N82AG Datasheet
75Kb / 1P
   SILICON SCHOTTKY BARRIER UHF TV TUNER MIXER
logo
Fairchild Semiconductor
KSC3123 FAIRCHILD-KSC3123 Datasheet
66Kb / 5P
   Mixer for UHF TV Tuner
logo
Hitachi Semiconductor
1SS174 HITACHI-1SS174 Datasheet
20Kb / 4P
   Silicon Schottky Barrier Diode for UHF TV Tuner Mixer, Various Detector, High speed switching
logo
Samsung semiconductor
KSC3120 SAMSUNG-KSC3120 Datasheet
67Kb / 2P
   NPN (MIXER FOR UHF TV TUNER)
KSC2734 SAMSUNG-KSC2734 Datasheet
93Kb / 3P
   NPN (MIXER, OSC. FOR UHF TV TUNER)
logo
NEC
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
   UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
KSC1070 SAMSUNG-KSC1070 Datasheet
146Kb / 4P
   NPN (UHF TV TUNER RF AMPLIFIERLIFIER, MIXER)
logo
Toshiba Semiconductor
2SC3862 TOSHIBA-2SC3862_07 Datasheet
614Kb / 4P
   Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com