Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4745A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 1N4745A
Description  Silicon Planar Zener Diodes for Stabilized Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1N4745A Datasheet(HTML) 3 Page - Renesas Technology Corp

  1N4745A Datasheet HTML 1Page - Renesas Technology Corp 1N4745A Datasheet HTML 2Page - Renesas Technology Corp 1N4745A Datasheet HTML 3Page - Renesas Technology Corp 1N4745A Datasheet HTML 4Page - Renesas Technology Corp 1N4745A Datasheet HTML 5Page - Renesas Technology Corp 1N4745A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N4728A through 1N4753A
REJ03G1221-0500 Rev.5.00 Nov 13, 2007
Page 3 of 5
Main Characteristic
100
80
60
40
20
0
10
20
30
40
0
10203040
10
0
−10
−20
−30
−40
−50
0.10
0.08
0.06
0.04
0.02
0
20
30
40
50
%/
°C
mV/
°C
1.0
0.8
0.6
0.4
0.2
200
150
100
50
0
0
10mm land
10 mm
or
20mm
Printed circuit board
100 180 1.6t mm
Material: Glass epoxy
×
×
3/8inch
20mm land
Zener Voltage VZ (V)
Fig.2 Temperature Coefficient vs. Zener voltage
−0.06
−0.04
−0.02
Fig.2 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
Zener Voltage VZ (V)
Fig.1 Zener current vs. Zener voltage
−0.08
−0.1
0


Similar Part No. - 1N4745A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4745A VISHAY-1N4745A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
New Jersey Semi-Conduct...
1N4745A NJSEMI-1N4745A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
NXP Semiconductors
1N4745A PHILIPS-1N4745A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4745A VISHAY-1N4745A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
List of Unclassifed Man...
1N4745A ETC1-1N4745A Datasheet
56Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4745A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZK-L RENESAS-HZK-L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com