Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2N3904
Description  Silicon NPN Epitaxial General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2N3904 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2N3904 Datasheet HTML 1Page - Renesas Technology Corp 2N3904 Datasheet HTML 2Page - Renesas Technology Corp 2N3904 Datasheet HTML 3Page - Renesas Technology Corp 2N3904 Datasheet HTML 4Page - Renesas Technology Corp 2N3904 Datasheet HTML 5Page - Renesas Technology Corp 2N3904 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N3904
Rev.1.00, Jul.22.2004, page 4 of 5
Base to Emitter & Collector to Emitter
Saturation Voltage vs. Collector Current
0.01
0.1
1
10
0.1
100
1000
Collector Current IC (mA)
Switching Time vs. Collector Current
1
1000
100
10
10
1
100
1000
Collector Current IC (mA)
VCC = 3V
IC = 10 IB
toff
tstg
ton
td
1
10
IC= 10IB
IC= 20IB
IC= 50IB
IC= 10IB
IC= 20IB
IC= 50IB
0
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
250
500
350
300
200
150
100
50
100
10
1
2V 6V
10V
VCE=1V
450
400
< 1ns
-0.5V
+10.9V
Figure 1
Delay and rise time equivalent test circuit
Figure 2
Storage and fall time equivalent test circuit
VCC
< 1ns
+10.9V
-9.1V
10K
275
VCC
10K
275
VBE(sat)
VCE(sat)
Collector Input & Output Capacitance
vs. Voltage
Voltage (V)
1
10
10
0.1
100
1
Cib
IE = 0
f = 1MHz
Cob


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4177 NEC-2SC4177 Datasheet
256Kb / 4P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
ON Semiconductor
MMBTA20LT1 ONSEMI-MMBTA20LT1 Datasheet
227Kb / 8P
   General Purpose Amplifier(NPN Silicon)
March, 2001 ??Rev. 1
MMBT3416LT3 ONSEMI-MMBT3416LT3 Datasheet
297Kb / 8P
   General Purpose Amplifier(NPN Silicon)
logo
Leshan Radio Company
MMBTA20LT1 LRC-MMBTA20LT1 Datasheet
316Kb / 6P
   General Purpose Amplifier (NPN Silicon)
logo
FutureWafer Tech Co.,Lt...
BC846 FUTUREWAFER-BC846 Datasheet
1Mb / 13P
   NPN Silicon Epitaxial General Purpose Transistors
BC846DW FUTUREWAFER-BC846DW Datasheet
2Mb / 15P
   NPN Silicon Epitaxial General Purpose Transistors
20-DEC-2021 V 2.1
logo
Toshiba Semiconductor
2SC5376 TOSHIBA-2SC5376_07 Datasheet
436Kb / 5P
   Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications
2SC6026 TOSHIBA-2SC6026 Datasheet
132Kb / 3P
   Silicon NPN Epitaxial Type (PCT Process) General-Purpose Amplifier Applications
2SC5376F TOSHIBA-2SC5376F_07 Datasheet
162Kb / 5P
   Silicon NPN Epitaxial Type Audio Frequency General Purpose Amplifier Applications
logo
Leshan Radio Company
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
   General Purpose Amplifier NPN Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com