Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1030BTZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SA1030BTZ
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1030BTZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SA1030BTZ Datasheet HTML 1Page - Renesas Technology Corp 2SA1030BTZ Datasheet HTML 2Page - Renesas Technology Corp 2SA1030BTZ Datasheet HTML 3Page - Renesas Technology Corp 2SA1030BTZ Datasheet HTML 4Page - Renesas Technology Corp 2SA1030BTZ Datasheet HTML 5Page - Renesas Technology Corp 2SA1030BTZ Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.3.00 Aug 10, 2005 page 1 of 5
2SA1029, 2SA1030
Silicon PNP Epitaxial
REJ03G0633-0300
(Previous ADE-208-1004A)
Rev.3.00
Aug.10.2005
Application
• Low frequency amplifier
• Complementary pair with 2SC458 and 2SC2308
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DA-A
(Package name: TO-92 (1))
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
2SA1029
2SA1030
Unit
Collector to base voltage
VCBO
–30
–55
V
Collector to emitter voltage
VCEO
–30
–50
V
Emitter to base voltage
VEBO
–5
–5
V
Collector current
IC
–100
–100
mA
Emitter current
IE
100
100
mA
Collector power dissipation
PC
300
300
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C


Similar Part No. - 2SA1030BTZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1030 HITACHI-2SA1030 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
More results

Similar Description - 2SA1030BTZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com