Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3101HCA150 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM3101HCA150
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101HCA150 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM3101HCA150 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101HCA150 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101HCA150 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101HCA150 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101HCA150 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101HCA150 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101HCA150 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101HCA150 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101HCA150 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Typical Performance Characteristics
T =25°C, V =V , C =1 F, C =2.2 F, C
=10nF unless otherwise noted.
A
EN
IN
IN
O
BYP
μμ
,
6
1. Output Voltage vs Input Voltage
1.55
1.6
1.65
1.7
1.75
1.8
1.85
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO=300mA
IO=150mA
IO=1mA
V= 1.8V
O
V= 2.5V
O
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
22.5
33.5
44.5
55.5
Input Voltage (V)
IO=300mA
IO=150mA
IO=1mA
V= 3.3V
O
V= 1.8V
O
V= 2.5V
O
V= 3.3V
O
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO=300mA
IO=150mA
IO=1mA
2. Output Voltage vs Output Current
1.7
1.72
1.74
1.76
1.78
1.8
1.82
0
50
100
150
200
250
300
Output Current (mA)
VIN=5V
VIN=4V
VIN=3V
2.4
2.42
2.44
2.46
2.48
2.5
2.52
0
50
100
150
200
250
300
Output Current (mA)
VIN=5V
VIN=4V
VIN=3V
3.2
3.22
3.24
3.26
3.28
3.3
3.32
0
50
100
150
200
250
300
Output Current (mA)
VIN=5V
VIN=4V
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator


Similar Part No. - PAM3101HCA150

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA250 PAM-PAM3101AAA250 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA280 PAM-PAM3101AAA280 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA285 PAM-PAM3101AAA285 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3101HCA150

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
   300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com