Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2408FPIAG Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HN58X2408FPIAG
Description  Two-wire serial interface 8k EEPROM (1-kword8-bit)/16k EEPROM (2-kword8-bit) 32k EEPROM (4-kword8-bit)/64k EEPROM (8-kword8-bit)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2408FPIAG Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HN58X2408FPIAG Datasheet HTML 8Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 9Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 10Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 11Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 12Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 13Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 14Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 15Page - Renesas Technology Corp HN58X2408FPIAG Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
HN58X2408/HN58X2416/HN58X2432/HN58X2464FPIAG
Rev.3.00, Dec.21.2004, page 12 of 19
Write Operations
Byte Write:
A write operation requires an 8-bit device address word with R/W = “0”. Then the EEPROM sends
acknowledgment "0" at the ninth clock cycle. After these, the 8kbit to 16kbit EEPROMs receive 8-bit
memory address word, on the other hand the 32kbit and 64kbit EEPROMs receive 2 sequence 8-bit
memory address words. Upon receipt of this memory address, the EEPROM outputs acknowledgment "0"
and receives a following 8-bit write data. After receipt of write data, the EEPROM outputs
acknowledgment "0". If the EEPROM receives a stop condition, the EEPROM enters an internally-timed
write cycle and terminates receipt of SCL, SDA inputs until completion of the write cycle. The EEPROM
returns to a standby mode after completion of the write cycle.
Byte Write Operation
8k to 16k
Device
address
Memory
address (n)
Write data (n)
Device
address
1st Memory
address (n)
2nd Memory
address (n)
Write data (n)
Start
Stop
32k to 64k
10 10
10 10
W
W
Stop
Start
ACK
ACK
ACK
ACK
ACK
R/W
ACK
R/W
Notes: 1. Don‘t care bits for 32k and 64k.
2. Don‘t care bit for 32k.


Similar Part No. - HN58X2408FPIAG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408FPI HITACHI-HN58X2408FPI Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408FPIE RENESAS-HN58X2408FPIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2408FPIAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV58064BXXN RENESAS-R1EV58064BXXN Datasheet
691Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_15 Datasheet
825Kb / 26P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00I RENESAS-R1EX24064ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com