Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3101ECB330 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM3101ECB330
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101ECB330 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM3101ECB330 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101ECB330 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101ECB330 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101ECB330 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101ECB330 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101ECB330 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101ECB330 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101ECB330 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101ECB330 Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Audio Precision
-140
+0
-120
-100
-80
-60
-40
-20
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Typical Performance Characteristics
11
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
13. PSRR vs V-dropout@Vout=3.28V
14. Noise
PSRR with bypass,
cap=10nF
PSRR without
bypass cap
-60
-50
-40
-30
-20
-10
0
20
40
60
80
100
120
140
160
180
200
220
V-dropout (mV)
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator


Similar Part No. - PAM3101ECB330

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA250 PAM-PAM3101AAA250 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA280 PAM-PAM3101AAA280 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA285 PAM-PAM3101AAA285 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3101ECB330

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
   300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com