Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC461BTZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC461BTZ
Description  Silicon NPN Epitaxial Planar
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC461BTZ Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC461BTZ Datasheet HTML 1Page - Renesas Technology Corp 2SC461BTZ Datasheet HTML 2Page - Renesas Technology Corp 2SC461BTZ Datasheet HTML 3Page - Renesas Technology Corp 2SC461BTZ Datasheet HTML 4Page - Renesas Technology Corp 2SC461BTZ Datasheet HTML 5Page - Renesas Technology Corp 2SC461BTZ Datasheet HTML 6Page - Renesas Technology Corp 2SC461BTZ Datasheet HTML 7Page - Renesas Technology Corp 2SC461BTZ Datasheet HTML 8Page - Renesas Technology Corp 2SC461BTZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SC460, 2SC461
Rev.2.00 Aug 10, 2005 page 6 of 8
10
20
200
100
50
500
0.5
0.2
0.1
Collector Current IC (mA)
Input/Output Admittance vs.
Collector Current
2
1.0
5
VCE = 6 V
f = 10.7 MHz
gie
gie
bie
bie
goe
goe
boe
boe
10
20
200
100
50
500
5
2
1
Collector to Emitter Voltage VCE (V)
Transfer Admittance vs.
Collector to Emitter Voltage
20
10
50
IC = 1 mA
f = 10.7 MHz
gie
gie
bfe
bfe
bre
bre
10
20
200
100
50
500
0.5
0.2
0.1
Collector Current IC (mA)
Transfer Admittance vs.
Collector Current
2
1.0
5
VCE = 6 V
f = 10.7 MHz
bfe
bfe
gfe
gfe
bre
bre
10
20
200
100
50
500
5
2
1
Collector to Emitter Voltage VCE (V)
Input/Output Admittance vs.
Collector to Emitter Voltage
20
10
50
IC = 1 mA
f = 100 MHz
gie
gie
goe
goe
bie
bie
boe
boe
10
20
200
100
50
500
0.5
0.2
0.1
Collector Current IC (mA)
Input/Output Admittance vs.
Collector Current
2
1.0
5
VCE = 6 V
f = 100 MHz
boe
boe
bie
bie
gie
gie
goe
goe
10
20
200
100
50
500
5
2
1
Collector to Emitter Voltage VCE (V)
Transfer Admittance vs.
Collector to Emitter Voltage
20
10
50
IC = 1 mA
f = 100 MHz
bfe
bfe
bre
bre
gfe
gfe


Similar Part No. - 2SC461BTZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC461 HITACHI-2SC461 Datasheet
51Kb / 13P
   Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC461 ETC1-2SC461 Datasheet
192Kb / 3P
   TRANSISTOR
logo
Sanyo Semicon Device
2SC4612 SANYO-2SC4612 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SC4613 SANYO-2SC4613 Datasheet
131Kb / 4P
   160V/700mA Switching Applications
2SC4614 SANYO-2SC4614 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
More results

Similar Description - 2SC461BTZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1907 HITACHI-2SC1907 Datasheet
39Kb / 7P
   Silicon NPN Epitaxial Planar
2SC2776 HITACHI-2SC2776 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC460 HITACHI-2SC460 Datasheet
51Kb / 13P
   Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1907 RENESAS-2SC1907 Datasheet
164Kb / 6P
   Silicon NPN Epitaxial Planar
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
   Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar
logo
Hitachi Semiconductor
2SC1906 HITACHI-2SC1906 Datasheet
45Kb / 8P
   Silicon NPN Epitaxial Planar
2SC2620 HITACHI-2SC2620 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC3391 HITACHI-2SC3391 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC4693 HITACHI-2SC4693 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC1377 ETC-2SC1377 Datasheet
160Kb / 3P
   SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com