Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD29050P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD29050P
Description  Dual Differential Line Drivers/ReceiversWith 3 State Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29050P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD29050P Datasheet HTML 1Page - Renesas Technology Corp HD29050P Datasheet HTML 2Page - Renesas Technology Corp HD29050P Datasheet HTML 3Page - Renesas Technology Corp HD29050P Datasheet HTML 4Page - Renesas Technology Corp HD29050P Datasheet HTML 5Page - Renesas Technology Corp HD29050P Datasheet HTML 6Page - Renesas Technology Corp HD29050P Datasheet HTML 7Page - Renesas Technology Corp HD29050P Datasheet HTML 8Page - Renesas Technology Corp HD29050P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HD29050
Rev.3.00, Jul.16.2004, page 4 of 13
Electrical Characteristics
(Ta = 0 to +70°C)
Receiver
Item
Symbol
Min
Typ
Max
Unit
Conditions
Differential Input Threshold
Voltage*2
V
THR
——0.2
V
V
O≥ 2.7 V
–7.0 V < V
IC < 12 V
–0.2
V
V
O≤ 0.45 V
–7.0 V < V
IC < 12 V
Input Current
I
IBR
——1.0
mA
V
IN = 12 V, 0 V
≤ V
CC≤ 5.25 V
–0.8
mA
V
IN = –7 V, 0 V
≤ V
CC≤ 5.25 V
Output Voltage
V
OHR
2.7
V
V
CC = 4.75 V, IO = –400 mA
V
ID = 0.4 V,–7.0 V < VICM < 12 V
V
OLR
——0.45
V
V
CC = 4.75 V, IO = 8.0 mA
V
ID = –0.4 V,
–7.0 V < V
ICM < 12 V
Output Leak Current
I
OZR
–100
100
mA
V
CC = 5.25 V, VO = 0.4 V
V
ID = 3.0 V, Enable = 2.0 V
–100
100
mA
V
CC = 5.25 V, VO = 2.4 V
V
ID = –3.0 V, Enable = 2.0 V
Short Circuit Output Current*1
I
OSR
–15
–85
mA
V
CC = 5.25 V, VO = 0 V
V
ID = 3.0 V
Input Voltage
V
IHE
2.0
V
V
ILE
——0.8
V
Input Current
I
ILE
–100
µA
V
CC = 5.25 V, VIL = 0.4 V
I
IHE
——20
µA
V
CC = 5.25 V, VIH = 2.7 V
I
IE
100
µA
V
CC = 5.25 V, VIH = 5.25 V
Input Clamp Voltage
V
IKE
–1.5
V
V
CC = 4.75, II = –18 mA
Supply
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply Current
I
CC
—55*3
80
mA
V
CC = 5.25 V
Notes: 1. Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one
second.
2. In this table, only the threshold voltage is expressed in algebra.
3. All typical values are at V
CC = 5 V, Ta = 25°C.


Similar Part No. - HD29050P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
More results

Similar Description - HD29050P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Renesas Technology Corp
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
List of Unclassifed Man...
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
   Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
   Dual Differential Line Drivers With 3 State Outputs
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
   Dual Differential Line Drivers / Receivers with 3-state Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com