Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD29051 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD29051
Description  Dual Differential Line Drivers/ReceiversWith 3 State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29051 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD29051 Datasheet HTML 3Page - Renesas Technology Corp HD29051 Datasheet HTML 4Page - Renesas Technology Corp HD29051 Datasheet HTML 5Page - Renesas Technology Corp HD29051 Datasheet HTML 6Page - Renesas Technology Corp HD29051 Datasheet HTML 7Page - Renesas Technology Corp HD29051 Datasheet HTML 8Page - Renesas Technology Corp HD29051 Datasheet HTML 9Page - Renesas Technology Corp HD29051 Datasheet HTML 10Page - Renesas Technology Corp HD29051 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD29051
Rev.3.00, Jul.16.2004, page 7 of 10
3. t
PLHR, tPHLR
Test circuit
Input
A
Enable
C =
15 pF
L
B
Output
1.5 V
Pulse
Generator
*1
*2
Waveforms
Input A
10 %
90 %
tr
tf
1.5 V
90 %
0 V
3 V
1.5 V
10 %
Output Y
tPLHR
tPHLR
1.3 V
1.3 V
VOH
VOL
Notes:
1. The pulse generator has the following characteristics:
PRR = 1 MHz, 50% duty cycle, t
r = tf = 6.0 ns.
2. C
L includes probe and jig capacitance.
3. 75
Ω connected between the pin and GND at t
ZHD tHZD test.
180
Ω connected between the pin and GND at t
ZHD tHZD test.
4. At t
HZR, tLZR test, S1 and S2 are closed.
At t
ZHR test, S1 is open and S2 is closed.
At t
ZLR test, S1 is closed and S2 is open.


Similar Part No. - HD29051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD29051 HITACHI-HD29051 Datasheet
221Kb / 15P
   Dual Differential Line Drivers / Receivers with 3-state Outputs
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD29051P HITACHI-HD29051P Datasheet
160Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
More results

Similar Description - HD29051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
   Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD29051 HITACHI-HD29051 Datasheet
160Kb / 11P
   Dual Differential Line Drivers/ReceiversWith 3 State Outputs
logo
List of Unclassifed Man...
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
   Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
   Dual Differential Line Drivers With 3 State Outputs
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
   Dual Differential Line Drivers / Receivers with 3-state Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com