Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD29468 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD29468
Description  Triple Line Drivers/Receivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29468 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD29468 Datasheet HTML 1Page - Renesas Technology Corp HD29468 Datasheet HTML 2Page - Renesas Technology Corp HD29468 Datasheet HTML 3Page - Renesas Technology Corp HD29468 Datasheet HTML 4Page - Renesas Technology Corp HD29468 Datasheet HTML 5Page - Renesas Technology Corp HD29468 Datasheet HTML 6Page - Renesas Technology Corp HD29468 Datasheet HTML 7Page - Renesas Technology Corp HD29468 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD29468
Rev.2.00, Jul.16.2004, page 3 of 7
Electrical Characteristics
Driver (V
CC = 5.0 V ± 5 %, Ta = 0 to +75°C)
Item
Symbol
Min
Max
Unit
Conditions
High Level Input Voltage
V
IH
2.0
V
Low Level Input Voltage
V
IL
—0.8
V
Input Clamp Voltage
V
IK
–1.5
V
V
CC = 4.75 V, IIN = –18 mA
High Level Output Voltage
V
OH
3.11
V
V
CC = 4.75 V, VIH = 2.0 V
I
OH = –59.3 mA (Ta = 25°C)
—4.1
V
CC = 5.25 V, VIH = 2.0 V
I
OH = –78.1 mA
Low Level Output Voltage
V
OL
—0.15
V
V
CC = 5.25 V, VIL = 0.8 V
I
OL = –0.24 mA, VIH = 4.5 V
High Level Input Current
DI
I
IH
—20
µA
V
CC = 5.25 V, VIH = 2.7 V
DE
60
V
CC = 5.25 V, VIH = 2.7 V
Low Level Input Current
DI
I
IL
–400
µA
V
CC = 5.25 V, VIL = 0.4 V
DE
–1200
V
CC = 5.25 V, VIL = 0.4 V
High Level Output Current
I
OH
100
µA
V
CC = 4.75 V, VIL = 0 V, VOH = 5.0 V
100
V
CC = 4.75 V, VIH = 4.5 V, VOH = 5.0 V
Short Circuit Output Current
I
OS
–30
mA
V
CC = 5.25 V, VIH = 4.5 V
Receiver (Ta = 0 to +75°C)
Item
Symbol
Min
Max
Unit
Conditions
High Level Output Threshold
Voltage
V
OTH
2.7
V
V
CC = 4.75 V, VIL = 1.15 V
I
OH = –400 µA
Low Level Output Threshold
Voltage
V
OTL
—0.5
V
V
CC = 5.25 V, VIH = 1.55 V
I
OL = 8 mA
High Level Output Voltage
V
OH
2.7
V
V
CC = 4.75 V, VIN: Open
I
OH = –400 µA
Low Level Output Voltage
V
OL
—0.5
V
V
CC = 4.75 V
I
OL = 8 mA
—0.4
V
IH = 1.55 V
I
OL = 4 mA
Input Resistance
R
IN
7.4
20
K
V
CC = 0 V
High Level Input Current
I
IH
—0.42
mA
V
CC = 4.75 V, VIH = 3.11 V
Low Level Input Current
I
IL
0.04
-0.24
mA
V
CC = 5.25 V, VIL = 0.15 V
Short Circuit Output Current
I
OS
–20
–100
mA
V
CC = 5.25 V, VIL = 0 V
Driver/Receiver (Ta = 0 to +75°C)
Item
Symbol
Min
Max
Unit
Conditions
Supply Voltage
I
CCH
—37
mA
V
CC = 5.25 V, VIH = 4.5 V
I
CCL
—55
V
CC = 5.25 V, VIL = 0 V
Switching Characteristics
Driver (V
CC = 5.0 V, Ta = 25°C)
Item
Symbol
Min
Max
Unit
Conditions
Rise Propagation Delay Time
t
PLH
6.5
18.5
ns
R
L = 47.5 Ω
Fall Propagation Delay Time
t
PHL
6.5
18.5
ns
Propagation Delay Time Difference*
1
∆t
PD
—10
ns
Note:
1.
∆t
PD = |tPLH – tPHL|


Similar Part No. - HD29468

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
More results

Similar Description - HD29468

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
   Triple Line Drivers / Receivers
logo
Unisonic Technologies
UT3238 UTC-UT3238 Datasheet
203Kb / 10P
   LINE DRIVERS/RECEIVERS
logo
Texas Instruments
SN55122 TI-SN55122 Datasheet
102Kb / 7P
[Old version datasheet]   TRIPLE LINE RECEIVERS
SN75C1406 TI-SN75C1406 Datasheet
126Kb / 8P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
TL145406 TI-TL145406 Datasheet
165Kb / 10P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406_06 Datasheet
435Kb / 15P
[Old version datasheet]   TRIPLE LOW-POWER DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com