Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV161A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV161A
Description  Synchronous 4-bit Binary Counter (Direct Clear)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV161A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LV161A Datasheet HTML 4Page - Renesas Technology Corp HD74LV161A Datasheet HTML 5Page - Renesas Technology Corp HD74LV161A Datasheet HTML 6Page - Renesas Technology Corp HD74LV161A Datasheet HTML 7Page - Renesas Technology Corp HD74LV161A Datasheet HTML 8Page - Renesas Technology Corp HD74LV161A Datasheet HTML 9Page - Renesas Technology Corp HD74LV161A Datasheet HTML 10Page - Renesas Technology Corp HD74LV161A Datasheet HTML 11Page - Renesas Technology Corp HD74LV161A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HD74LV161A
Rev.4.00 Jun. 04, 2004 page 8 of 15
Switching Characteristics (cont)
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
80
130
70
CL = 15 pF
Maximum clock
frequency
fmax
55
85
50
MHz
CL = 50 pF
8.3
12.8
1.0
15.0
CL = 15 pF
tPLH/tPHL
10.8
16.3
1.0
18.5
CL = 50 pF
CLK
Q
8.7
13.6
1.0
16.0
CL = 15 pF
tPLH/tPHL
Count mode
11.2
17.1
1.0
19.5
CL = 50 pF
CLK
Carry
11.0
17.2
1.0
20.0
CL = 15 pF
tPLH/tPHL
Load mode
13.5
20.7
1.0
23.5
CL = 50 pF
CLK
Carry
7.5
12.3
1.0
14.5
CL = 15 pF
tPLH/tPHL
10.5
15.8
1.0
18.0
CL = 50 pF
ENT
Carry
8.9
13.6
1.0
16.0
CL = 15 pF
tPHL
11.2
17.1
1.0
19.5
CL = 50 pF
CLR
Q
8.4
13.2
1.0
15.5
CL = 15 pF
Propagation
delay time
tPHL
10.9
16.7
1.0
19.0
ns
CL = 50 pF
CLR
Carry
5.5
6.5
Data before CLK
8.0
9.5
LOAD before CLK ↑
7.5
9.0
ENT, ENP before
CLK
Setup time
tsu
2.5
2.5
ns
CLR inactive before
CLK
Hold time
th
1.0
1.0
ns
5.0
5.0
CLK H or L
Pulse width
tw
5.0
5.0
ns
CLR L


Similar Part No. - HD74LV161A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161AFPEL RENESAS-HD74LV161AFPEL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161ARPEL RENESAS-HD74LV161ARPEL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161ATELL RENESAS-HD74LV161ATELL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results

Similar Description - HD74LV161A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
   Synchronous 4-bit Binary Counter (direct clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LS161A HITACHI-HD74LS161A Datasheet
106Kb / 7P
   Synchronous 4-bit Binary Counters(direct clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com